Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62402DRC Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TPS62402DRC
Description  2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62402DRC Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS62402DRC Datasheet HTML 5Page - Texas Instruments TPS62402DRC Datasheet HTML 6Page - Texas Instruments TPS62402DRC Datasheet HTML 7Page - Texas Instruments TPS62402DRC Datasheet HTML 8Page - Texas Instruments TPS62402DRC Datasheet HTML 9Page - Texas Instruments TPS62402DRC Datasheet HTML 10Page - Texas Instruments TPS62402DRC Datasheet HTML 11Page - Texas Instruments TPS62402DRC Datasheet HTML 12Page - Texas Instruments TPS62402DRC Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
PowerSaveMode
MODE/DATA =0
ForcedPWMMode
MODE/DATA =1
V
=1.8V
OUT2
I
mA
OUT
V
=2.7V
IN
V
=3.6V
IN
V
=5V
IN
V
=2.7V
IN
V
=3.6V
IN
V
=5V
IN
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
PowerSaveMode
MODE/DATA =0
ForcedPWMMode
MODE/DATA =1
I
mA
OUT
V
=3.3V
OUT2
V
=3.6V
IN
V
=5V
IN
V
=3.6V
IN
V
=5V
IN
TPS62403
EfficiencyV
/V
,
MODE/DATA =0,
DEF_1=0
OUT1
OUT2
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
I
-mA
OUT
V
=2.8V
V
=3.3V
V
=3.6V
MODE/DATA =low
OUT2
IN
IN
V
=1.575V
V
=3.3V
V
=3.6V
MODE/DATA =high
OUT1
IN
IN
100
1000
V
=2.8V
V
=3.3V
V
=3.6V
MODE/DATA =high
OUT2
IN
IN
V
=1.575V
V
=3.3V
V
=3.6V
MODE/DATA =low
OUT1
IN
IN
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V =3.7V
V =4.2V
V
=3.3V
MODE/DATA =Low
I
I
O2
V =3.7V
V =4.2V
V
=1.8V
MODE/DATA =Low
I
I
O1
V =3.7V
V =4.2V
V
=1.2V
MODE/DATA =Low
I
I
O1
V =3.7V
V =4.2V
V
=3.3V
MODE/DATA =High
I
I
O2
V =3.7V
V =4.2V
V
=1.8V
MODE/DATA =High
I
I
O2
V =3.7V
V =4.2V
V
=1.2V
MODE/DATA =High
I
I
O2
TPS62400, TPS62401
TPS62402, TPS62403, TPS62404
www.ti.com
SLVS681E – JUNE 2006 – REVISED APRIL 2010
EFFICIENCY VOUT 2 = 1.8V
EFFICIENCY TPS62400 VOUT 2 = 3.3V
Figure 3.
Figure 4.
EFFICIENCY TPS62402 VOUT1/VOUT2
EFFICIENCY TPS62403 VOUT1/VOUT2
Figure 5.
Figure 6.
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS62400 TPS62401 TPS62402 TPS62403 TPS62404


Numéro de pièce similaire - TPS62402DRC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62402DRC TI-TPS62402DRC Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62402DRC TI-TPS62402DRC Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62402DRCR TI-TPS62402DRCR Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62402DRCR TI-TPS62402DRCR Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62402DRCRG4 TI-TPS62402DRCRG4 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
More results

Description similaire - TPS62402DRC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62400 TI-TPS62400_07 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_10 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI1-TPS62400_14 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62420 TI1-TPS62420_14 Datasheet
1Mb / 37P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62420 TI-TPS62420 Datasheet
1Mb / 32P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410 TI-TPS62410 Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com