Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2480PWR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2480PWR
Description  Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2480PWR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS2480PWR Datasheet HTML 5Page - Texas Instruments TPS2480PWR Datasheet HTML 6Page - Texas Instruments TPS2480PWR Datasheet HTML 7Page - Texas Instruments TPS2480PWR Datasheet HTML 8Page - Texas Instruments TPS2480PWR Datasheet HTML 9Page - Texas Instruments TPS2480PWR Datasheet HTML 10Page - Texas Instruments TPS2480PWR Datasheet HTML 11Page - Texas Instruments TPS2480PWR Datasheet HTML 12Page - Texas Instruments TPS2480PWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
1
2
3
4
5
6
7
8
9
10
SDA
SDL
NC
VS
NC
EN
VREF
PROG
TIMER
GND
20
19
18
17
16
15
14
13
12
11
A0
A1
VINM
VINP
GND
VCC
SENSE
GATE
OUT
PG
TPS2480/81
TPS2480
TPS2481
www.ti.com
SLUS939A – APRIL 2010 – REVISED JUNE 2010
20-Pin TSSOP
Table 1. TERMINAL FUNCTIONS
FUNCTION
TPS2480/81
DESCRIPTION
SDA
1
I2C Data Line
SCL
2
I2C Clock
NC
3
Tie to GND or float
VS
4
Power input to the I2C block, 3.3 V to 5 V
NC
5
No connection, tie to GND or float
EN
6
Device enable
VREF
7
Reference voltage output, used to set power threshold on PROG pin
PROG
8
Power-limit setting input
TIMER
9
Fault timing capacitor
GND
10
GND
PG
11
Power good reporting output, open-drain
OUT
12
Output voltage feedback
GATE
13
Gate output
SENSE
14
Current-limit sense input
VCC
15
Main power supply input to device and FET
GND
16
GND
VINP
17
Positive differential shunt voltage. Connect to positive side of shunt resistor
Negative differential shunt voltage. Connect to negative side of shunt resistor. Bus voltage is
VINM
18
measured from this pin to GND
A1
19
Address pin. Table 2 shows pin settings and corresponding addresses.
A0
20
Address pin. Table 2 shows pin settings and corresponding addresses.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS2480 TPS2481


Numéro de pièce similaire - TPS2480PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2480PW TI-TPS2480PW Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
More results

Description similaire - TPS2480PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2480 TI-TPS2480 Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2492 TI-TPS2492_10 Datasheet
1Mb / 33P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hotswap Controller With Analog Current Monitor Output
logo
Linear Technology
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
   High Voltage I2C Current and Voltage Monitor
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
   High Voltage I2C Current and Voltage Monitor
logo
Texas Instruments
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_07 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_08 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
logo
Linear Technology
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
   LTC2990 I2C Temperature Voltage and Current Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
   Octal I2C Voltage, Current, and Temperature Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com