Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA2015D1YZHT Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA2015D1YZHT
Description  2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA2015D1YZHT Fiches technique(HTML) 1 Page - Texas Instruments

  TPA2015D1YZHT Datasheet HTML 1Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 2Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 3Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 4Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 5Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 6Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 7Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 8Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
IN-
IN+
GAIN
ENB
END
GND
VBAT
SW PVOUT PVDD
OUT+
OUT-
AGC
2.2 H
m
6.8 F - 22 F
m
m
TPA2015D1
Differential
Audio Inputs
Gain Control
AGC Control
Boost Enable
Class-D Enable
2.2 F - 10 F
m
m
Connected to Supply
TPA2015D1
www.ti.com
SLOS638 – MAY 2010
2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and
Battery Tracking SpeakerGuard™ AGC
Check for Samples: TPA2015D1
1
FEATURES
DESCRIPTION
2
Built-In SpeakerGuardTM Automatic Gain
Control (AGC) with Enhanced Battery Tracking
The TPA2015D1 is a high efficiency Class-D audio
power amplifier with battery-tracking SpeakerGuard™
Limits Battery Current Consumption
AGC technology and an integrated adaptive boost
Prevents Audio Clipping
converter that enhances efficiency at low output
2 W into 8
Ω Load From 3.6 V Supply (6% THD)
power. It drives up to 2 W into an 8
Ω speaker (6%
Integrated Adaptive Boost Converter
THD). With 85% typical efficiency, the TPA2015D1
helps extend battery life when playing audio.
Increases Efficiency at Low Output Power
The built-in boost converter generates a 5.5 V supply
Low Quiescent Current of 1.7 mA from 3.6 V
voltage for the Class-D amplifier. This provides a
Operates From 2.5 V to 5.2 V
louder audio output than a stand-alone amplifier
Thermal and Short-Circuit Protection with
directly
connected
to
the
battery.
The
Auto Recovery
SpeakerGuardTM AGC adjusts the Class-D gain to
limit battery current and prevent heavy clipping.
Three Gain Settings: 6 dB, 15.5 dB, and 20 dB
Independent Control for Boost and Class-D
The TPA2015D1 has an integrated low-pass filter to
improve
the
RF
rejection
and
reduce
DAC
Pin-to-Pin Compatible with TPA2013D1
out-of-band noise, increasing the signal to noise ratio
Available in 1.954 mm × 1.954 mm 16-ball
(SNR).
WCSP Package
The TPA2015D1 is available in a space saving
1.954 mm × 1.954 mm, 0.5 mm pitch WCSP package
APPLICATIONS
(YZH).
Cell Phones, PDA, GPS
Portable Electronics and Speakers
SIMPLIFIED APPLICATION DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SpeakerGuard is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPA2015D1YZHT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2015D1YZHT TI-TPA2015D1YZHT Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1YZHT TI-TPA2015D1YZHT Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2015D1YZHT TI-TPA2015D1YZHT Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2015D1YZHT TI-TPA2015D1YZHT Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
More results

Description similaire - TPA2015D1YZHT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
logo
Diodes Incorporated
PAM8905 DIODES-PAM8905 Datasheet
565Kb / 9P
   1.9W Class-D Audio Amplifier with Integrated Boost Converter and Battery Tracking AGC
logo
Texas Instruments
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com