Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WYO103MCMDB0KR Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce WYO103MCMDB0KR
Description  Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WYO103MCMDB0KR Fiches technique(HTML) 2 Page - Vishay Siliconix

  WYO103MCMDB0KR Datasheet HTML 1Page - Vishay Siliconix WYO103MCMDB0KR Datasheet HTML 2Page - Vishay Siliconix WYO103MCMDB0KR Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 22202
For technical questions contact: slcap@vishay.com
www.vishay.com
Revision: 31-Jan-06
45
WYO
Ceramic AC Capacitors
Class X1, 440 VAC/Class Y2, 250 VAC
Vishay Draloric
* Standard lead configuration, other lead spacing and diameter available on request.
ORDERING INFORMATION, CERAMIC X1 / Y2 CAPACITORS WYO
CAPACITANCE
(pF)
TOL.
(%)
D x s
(mm)
F ± 1*
(mm)
d ± 0.05*
(mm)
V ± 0.5*
(mm)
ORDERING CODE
1000
± 20 %
6.5 x 4.5
5.0
0.6
1.4
WYO102 CM
KR
1500
8.0 x 4.5
WYO152 CM
KR
1800
8.0 x 4.5
WYO182 CM
KR
2200
9.0 x 4.5
WYO222 CM
KR
2500
9.0 x 4.5
WYO252 CM
KR
3300
10.0 x 4.5
7.5
WYO332 CM
KR
4700
12.0 x 4.5
WYO472 CM
KR
5000
12.0 x 4.5
WYO502 CM
KR
6800
17.0 x 4.5
1.6
WYO682 CM
KR
8200
17.0 x 4.5
WYO822 CM
KR
0.010 µF
21.0 x 4.5
WYO103 CM
KR
0.012 µF
21.0 x 4.5
WYO123 CM
KR
ORDERING CODE
7th digit
Capacitance Tolerance
± 20 % = M
10th to 12th digit
Lead Configuration (see General Information)
R
14th digit
RoHS Compliant Component
APPROVALS
IEC 60384 - 14 / 2nd Issue (1993) incl. Am. 1 (1995) - Safety Tests
EN 132 400 (1994) - Safety Tests
That approval together with the CB Test Certificate substitutes the national approval of the following nations:
Belgium
France
Italy
Austria
China
Japan
Spain
Denmark
Greece
Luxembourg
Portugal
Singapore
Poland
United Kingdom
Germany
Ireland
Netherlands
Sweden
Slovenia
Hungaria
Czech Republic
Finland
Iceland
Norway
Switzerland
Korea
Israel
Y2 - Capacitor: CB-Test Certificate:
X1 - Capacitor: CB-Test Certificate:
DE-1-11476-A1
DE-1-11148-A1
1 nF ... 12 nF
1 nF ... 12 nF
250 Vac
440 Vac
Minimum thickness of insulation: 0.4 mm
Underwriters Laboratories Inc.
UL 1414
Line-by-pass component
1 nF ... 12 nF
250 Vac
Agency Files / Licences
E 183 844 V1 S2
Canadian Standards Association
CSA C22.2
No 1-98
Line-by-pass component
1 nF ... 12 nF
250 Vac
Agency Files / Licences
E 183 844 V1 S2
ORDERING INFORMATION
WYO
103
M
CM
CF0
K
R
SERIES
CAP. VALUE
TOLERANCE
RATED
VOLTAGE
LEAD
CONFIGURATION
INTERNAL
CODE
RoHS
COMPLIANT


Numéro de pièce similaire - WYO103MCMDB0KR

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
WYO103CMKR VISHAY-WYO103CMKR Datasheet
166Kb / 5P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
01-Jan-2022
More results

Description similaire - WYO103MCMDB0KR

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
WYO472MCMCRBKR VISHAY-WYO472MCMCRBKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WYO472MCMSDFKR VISHAY-WYO472MCMSDFKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WYO472MCMCRAKR VISHAY-WYO472MCMCRAKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WKO222MCPCRAKR VISHAY-WKO222MCPCRAKR Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 05-Apr-13
WYO VISHAY-WYO_V01 Datasheet
166Kb / 5P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
01-Jan-2022
WKO VISHAY-WKO Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 05-Apr-13
VKO VISHAY-VKO Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
10-Sep-2021
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5US63V0 VISHAY-VY2222M35Y5US63V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5UG63V7 VISHAY-VY2222M35Y5UG63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com