Moteur de recherche de fiches techniques de composants électroniques |
|
ST7FMC2M9B3 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
ST7FMC2M9B3 Fiches technique(HTML) 11 Page - STMicroelectronics |
11 / 309 page ST7MC1xx/ST7MC2xx 11/309 PIN DESCRIPTION (Cont’d) Figure 7. 32-Pin LQFP 7x7 Package Pinout 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 9 1011 121314 15 16 1 2 3 4 5 6 7 8 ei1 ei0 OSC1 OSC2 AIN0 / PWM0 / PA3 AIN1 / ARTIC1 / PA5 (HS) MCO3 (HS) MCO4 (HS) MCO5 MCES RESET VDD_0 VAREF VSS_0 PD3 / ICAP1_A / AIN13 PD2 / ICAP2_A / MCZEM / AIN12 PD1 (HS) / OCMP1_A / MCPWMV / MCDEM PD0 / OCMP2_A / MCPWMW /AIN11 ei2 eix associated external interrupt vector (HS) 20mA high sink capability * Once the MTC peripheral is ON, the pin PC4 is configured to an alternate function. PC4 is no longer usable as a digital I/O 1 |
Numéro de pièce similaire - ST7FMC2M9B3 |
|
Description similaire - ST7FMC2M9B3 |