Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA-10-9401 Fiches technique(PDF) 1 Page - CW Industries

No de pièce CA-10-9401
Description  Card Edge Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CWIND [CW Industries]
Site Internet  http://www.cwind.com
Logo CWIND - CW Industries

CA-10-9401 Fiches technique(HTML) 1 Page - CW Industries

  CA-10-9401 Datasheet HTML 1Page - CW Industries CA-10-9401 Datasheet HTML 2Page - CW Industries CA-10-9401 Datasheet HTML 3Page - CW Industries CA-10-9401 Datasheet HTML 4Page - CW Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
130 James Way, Southampton, PA 18966 - 3838 Telephone: (215) 355-7080 Fax: (215) 355-1088 www.cwind.com
26
The card edge connector provides a fast means for
connecting/disconnecting single, double-sided or multi-
layer printed circuit boards.
Contact force consistency is obtained through the use
of a long cantilevered contact having a minimum
deflection angle and an extended self-cleaning, wiping
action. These contacts ensure positive connection to the
board, even when pad surfaces are irregular.
Good contact pressure is maintained with minimum
wear on PC board pads, even in hostile environments,
and after numerous insertions and withdrawals or shock
and vibration.
Insulator protects contacts
from possible damage when
mated with PC board.
Polarizing key slots
allow
positive polarization without
loss of a contact position.
Contact and cover
design provides for
reuse.
Connector can
be reterminated easily
and reliably to a new
section of cable.
Patented Torq-Tite™ contact
keeps conductor under constant
tension. Assures a mechanically
and electrically, sound, gas-tight
connection.
Sturdy cover posts
provide protection
against cable pulls of
25 lb or more.
Recessed slot
provide means for
non-destructive
removal of cover.
Card Edge Connectors


Numéro de pièce similaire - CA-10-9401

FabricantNo de pièceFiches techniqueDescription
logo
CW Industries
CA-10-9901 CWIND-CA-10-9901 Datasheet
132Kb / 4P
   PCB Connectors
CA-10-9902 CWIND-CA-10-9902 Datasheet
132Kb / 4P
   PCB Connectors
CA-10-9903 CWIND-CA-10-9903 Datasheet
132Kb / 4P
   PCB Connectors
CA-10-9904 CWIND-CA-10-9904 Datasheet
132Kb / 4P
   PCB Connectors
CA-10-9905 CWIND-CA-10-9905 Datasheet
132Kb / 4P
   PCB Connectors
More results

Description similaire - CA-10-9401

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
6325 AVX-6325 Datasheet
384Kb / 6P
   Card Edge Connectors
logo
Yamaichi Electronics Co...
PS42-44D-2016 YAMAICHI-PS42-44D-2016 Datasheet
224Kb / 5P
   Card Edge Connectors
logo
EDAC, All Rights Reserv...
307 EDAC-307 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
322 EDAC-322 Datasheet
223Kb / 2P
   Card Edge Connectors 0.156” (3.96mm) Pitch
346 EDAC-346 Datasheet
298Kb / 3P
   Card Edge Connectors 0.125” (3.175mm) Pitch
305 EDAC-305 Datasheet
278Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
345 EDAC-345 Datasheet
300Kb / 3P
   Card Edge Connectors 0.100” (2.54mm) Pitch
logo
TE Connectivity Ltd
114-32054 TEC-114-32054 Datasheet
805Kb / 13P
   Inverted Card Edge and Inverted Poke-In Connectors
logo
Mitsumi Electronics, Co...
CIM-H33N MITSUMI-CIM-H33N Datasheet
111Kb / 2P
   microSD card connectors
logo
List of Unclassifed Man...
DM3C-SF ETC2-DM3C-SF Datasheet
832Kb / 11P
   microSD Card Connectors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com