Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14LC5002FB Fiches technique(PDF) 6 Page - Motorola, Inc

No de pièce MC14LC5002FB
Description  72-Segment / 128-Segment LCD Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14LC5002FB Fiches technique(HTML) 6 Page - Motorola, Inc

Back Button MC14LC5002FB Datasheet HTML 2Page - Motorola, Inc MC14LC5002FB Datasheet HTML 3Page - Motorola, Inc MC14LC5002FB Datasheet HTML 4Page - Motorola, Inc MC14LC5002FB Datasheet HTML 5Page - Motorola, Inc MC14LC5002FB Datasheet HTML 6Page - Motorola, Inc MC14LC5002FB Datasheet HTML 7Page - Motorola, Inc MC14LC5002FB Datasheet HTML 8Page - Motorola, Inc MC14LC5002FB Datasheet HTML 9Page - Motorola, Inc MC14LC5002FB Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MOTOROLA
3–8
MC14LC5002 • MC14LC5003 • MC14LC5004
SWITCHING WAVEFORMS
VDD
GND
CLK
90%
50%
10%
tw
tw
tf
tr
Din
CLK
VALID
tsu
th
VDD
GND
VDD
GND
tsu
th
trec
tw
tw
VDD
GND
VDD
GND
CLK
ENB
FIRST
CLK
LAST
CLK
Figure 3.
50%
50%
Figure 2.
Figure 1.
50%
tstart
tstop


Numéro de pièce similaire - MC14LC5002FB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC14LC5002FB NXP-MC14LC5002FB Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
More results

Description similaire - MC14LC5002FB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
logo
Motorola, Inc
MC145003 MOTOROLA-MC145003 Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
logo
Rohm
BU9728AKV ROHM-BU9728AKV_08 Datasheet
593Kb / 24P
   For 128-140 Segment type LCD LCD Segment Driver
BU97950FUV ROHM-BU97950FUV Datasheet
1Mb / 25P
   Standard LCD Segment Drivers
BU9795AFV-LB ROHM-BU9795AFV-LB Datasheet
862Kb / 29P
   Standard LCD Segment Drivers
BU9795ZKS2 ROHM-BU9795ZKS2 Datasheet
1Mb / 30P
   Standard LCD Segment Drivers
BU9795AKS2 ROHM-BU9795AKS2 Datasheet
978Kb / 40P
   Standard LCD Segment Drivers
logo
Silicon Laboratories
CP2400 SILABS-CP2400 Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
CP2400-GQ SILABS-CP2400-GQ Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
logo
Rohm
BU9796FS ROHM-BU9796FS Datasheet
273Kb / 12P
   LCD Segment Driver series 80-segment Drivers (20SEG횞4COM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com