Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD350IDT Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce TD350IDT
Description  Advanced IGBT/MOSFET driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD350IDT Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button TD350IDT Datasheet HTML 7Page - STMicroelectronics TD350IDT Datasheet HTML 8Page - STMicroelectronics TD350IDT Datasheet HTML 9Page - STMicroelectronics TD350IDT Datasheet HTML 10Page - STMicroelectronics TD350IDT Datasheet HTML 11Page - STMicroelectronics TD350IDT Datasheet HTML 12Page - STMicroelectronics TD350IDT Datasheet HTML 13Page - STMicroelectronics TD350IDT Datasheet HTML 14Page - STMicroelectronics TD350IDT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TD350
Timing diagrams
Doc ID 9525 Rev 6
11/17
6
Timing diagrams
Figure 5.
Turn-on and turn-off
Figure 6.
Minimum ON time
Figure 7.
Desaturation fault
IN
OUT
Vce
VH level
Vge
VH level
VL level
CLAMP
VL level
Ta
Ta
Clamp threshold
LVOFF
COFF
Open
Twin
Twout
Miller plateau
IN
OUT
Ta<Tin<Twinmin
2.5V
VH level
COFF
CLAMP
VL level
Ta
LVOFF
Open
Ta
Ta
Tin<Ta
Tin>Twinmin
IN
OUT
DESAT
2.5V
VH level
COFF
FAULT
VL level
Ta
Ta
7V
open
LVOFF
Ta
Desat Blanking Time


Numéro de pièce similaire - TD350IDT

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TD350IDT STMICROELECTRONICS-TD350IDT Datasheet
161Kb / 11P
   Advanced IGBT/MOSFET Driver
More results

Description similaire - TD350IDT

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TD350E STMICROELECTRONICS-TD350E Datasheet
258Kb / 17P
   Advanced IGBT/MOSFET driver
TD351 STMICROELECTRONICS-TD351_11 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
TD352 STMICROELECTRONICS-TD352 Datasheet
179Kb / 13P
   Advanced IGBT/MOSFET Driver
TD35 STMICROELECTRONICS-TD35 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
June 2011 Rev 2
TD352 STMICROELECTRONICS-TD352_11 Datasheet
241Kb / 18P
   Advanced IGBT/MOSFET driver
TD350 STMICROELECTRONICS-TD350 Datasheet
161Kb / 11P
   Advanced IGBT/MOSFET Driver
TD351 STMICROELECTRONICS-TD351 Datasheet
157Kb / 12P
   Advanced IGBT/MOSFET Driver
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
   Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
MC33GD3100 NXP-MC33GD3100_V01 Datasheet
480Kb / 21P
   Advanced IGBT/SiC gate driver
Rev. 10.0 - 29 September 2023
logo
Mitsubishi Electric Sem...
M63975FP MITSUBISHI-M63975FP Datasheet
47Kb / 5P
   IGBT MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com