Moteur de recherche de fiches techniques de composants électroniques |
|
CAT25256VI-T2 Fiches technique(PDF) 7 Page - ON Semiconductor |
|
CAT25256VI-T2 Fiches technique(HTML) 7 Page - ON Semiconductor |
7 / 16 page CAT25256 http://onsemi.com 7 Byte Write Once the WEL bit is set, the user may execute a write sequence, by sending a WRITE instruction, a 16−bit address and data as shown in Figure 5. Only 15 significant address bits are used by the CAT25256. The rest are don’t care bits, as shown in Table 11. Internal programming will start after the low to high CS transition. During an internal write cycle, all commands, except for RDSR (Read Status Register) will be ignored. The RDY bit will indicate if the internal write cycle is in progress (RDY high), or the device is ready to accept commands (RDY low). Page Write After sending the first data byte to the CAT25256, the host may continue sending data, up to a total of 64 bytes, according to timing shown in Figure 6. After each data byte, the lower order address bits are automatically incremented, while the higher order address bits (page address) remain unchanged. If during this process the end of page is exceeded, then loading will “roll over” to the first byte in the page, thus possibly overwriting previously loaded data. Following completion of the write cycle, the CAT25256 is automatically returned to the write disable state. While the internal write cycle is in progress, the RDSR command will output the RDY (Ready) bit status only (i.e., data out = FFh). Table 11. BYTE ADDRESS Device Address Significant Bits Address Don’t Care Bits # Address Clock Pulses CAT25256 A14 − A0 A15 16 Figure 5. Byte WRITE Timing SCK SI SO 00 00 0 1 0 D7 D6 D5 D4 D3 D2 D1 D0 01 23 45 67 8 OPCODE DATA IN HIGH IMPEDANCE BYTE ADDRESS* 21 22 23 24 25 26 27 28 29 30 31 Dashed Line = mode (1, 1) CS A0 AN 0 * Please check the Byte Address Table (Table 11) Figure 6. Page WRITE Timing SCK SI SO 00 00 0 1 0 BYTE ADDRESS* Data Byte 1 01 23 45 67 8 21 22 23 24−31 32−39 Data Byte N OPCODE 7..1 0 24+(N−1)x8−1 .. 24+(N−1)x8 24+Nx8−1 DATA IN HIGH IMPEDANCE Dashed Line = mode (1, 1) CS AN A0 Data Byte 3 Data Byte 2 0 * Please check the Byte Address Table (Table 11) |
Numéro de pièce similaire - CAT25256VI-T2 |
|
Description similaire - CAT25256VI-T2 |