Moteur de recherche de fiches techniques de composants électroniques |
|
CAT25020YE-GT3 Fiches technique(PDF) 3 Page - ON Semiconductor |
|
CAT25020YE-GT3 Fiches technique(HTML) 3 Page - ON Semiconductor |
3 / 15 page CAT25010, CAT25020, CAT25040 http://onsemi.com 3 Table 5. A.C. CHARACTERISTICS (TA = −40°C to +125°C, unless otherwise specified.) (Notes 4, 8) Symbol Parameter VCC = 1.8 V − 5.5 V VCC = 2.5 V − 5.5 V TA = −405C to +855C Units Min Max Min Max fSCK Clock Frequency DC 5 DC 10 MHz tSU Data Setup Time 40 20 ns tH Data Hold Time 40 20 ns tWH SCK High Time 75 40 ns tWL SCK Low Time 75 40 ns tLZ HOLD to Output Low Z 50 25 ns tRI (Note 5) Input Rise Time 2 2 ms tFI (Note 5) Input Fall Time 2 2 ms tHD HOLD Setup Time 0 0 ns tCD HOLD Hold Time 10 10 ns tV Output Valid from Clock Low 75 40 ns tHO Output Hold Time 0 0 ns tDIS Output Disable Time 50 20 ns tHZ HOLD to Output High Z 100 25 ns tCS CS High Time 50 20 ns tCSS CS Setup Time 20 15 ns tCSH CS Hold Time 30 20 ns tCNS CS Inactive Setup Time 20 15 ns tCNH CS Inactive Hold Time 20 15 ns tWPS WP Setup Time 10 10 ns tWPH WP Hold Time 100 60 ns tWC (Note 7) Write Cycle Time 5 5 ms Table 6. POWER−UP TIMING (Notes 5, 6) Symbol Parameter Max Units tPUR Power−up to Read Operation 1 ms tPUW Power−up to Write Operation 1 ms 4. AC Test Conditions: Input Pulse Voltages: 0.3 VCC to 0.7 VCC Input rise and fall times: ≤ 10 ns Input and output reference voltages: 0.5 VCC Output load: current source IOL max/IOH max; CL = 50 pF 5. This parameter is tested initially and after a design or process change that affects the parameter. 6. tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. 7. tWC is the time from the rising edge of CS after a valid write sequence to the end of the internal write cycle. 8. All Chip Select (CS) timing parameters are defined relative to the positive clock edge (Figure 2). tCSH timing specification is valid for die revision D and higher. The die revision D is identified by letter “D” or a dedicated marking code on top of the package. For previous product revision (Rev. C) the tCSH is defined relative to the negative clock edge (please refer to data sheet Doc. No. MD-1006 Rev. U) |
Numéro de pièce similaire - CAT25020YE-GT3 |
|
Description similaire - CAT25020YE-GT3 |