Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14016BCP Fiches technique(PDF) 2 Page - Motorola, Inc

No de pièce MC14016BCP
Description  Quad Analog Switch/Quad Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14016BCP Fiches technique(HTML) 2 Page - Motorola, Inc

  MC14016BCP Datasheet HTML 1Page - Motorola, Inc MC14016BCP Datasheet HTML 2Page - Motorola, Inc MC14016BCP Datasheet HTML 3Page - Motorola, Inc MC14016BCP Datasheet HTML 4Page - Motorola, Inc MC14016BCP Datasheet HTML 5Page - Motorola, Inc MC14016BCP Datasheet HTML 6Page - Motorola, Inc MC14016BCP Datasheet HTML 7Page - Motorola, Inc MC14016BCP Datasheet HTML 8Page - Motorola, Inc MC14016BCP Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MOTOROLA CMOS LOGIC DATA
MC14016B
66
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Figure
Symbol
VDD
Vdc
– 55
_C
25
_C
125
_C
Unit
Characteristic
Figure
Symbol
VDD
Vdc
Min
Max
Min
Typ #
Max
Min
Max
Unit
Input Voltage
Control Input
1
VIL
5.0
10
15
1.5
1.5
1.5
0.9
0.9
0.9
Vdc
VIH
5.0
10
15
3.0
8.0
13
2.0
6.0
11
Vdc
Input Current Control
Iin
15
±0.1
±0.00001 ±0.1
± 1.0
µAdc
Input Capacitance
Control
Switch Input
Switch Output
Feed Through
Cin
5.0
5.0
5.0
0.2
pF
Quiescent Current
(Per Package)
2,3
IDD
5.0
10
15
0.25
0.5
1.0
0.0005
0.0010
0.0015
0.25
0.5
1.0
7.5
15
30
µAdc
“ON” Resistance
(VC = VDD, RL = 10 kΩ)
(Vin = + 5.0 Vdc)
(Vin = – 5.0 Vdc) VSS = – 5.0 Vdc
(Vin = ± 0.25 Vdc)
4,5,6
RON
5.0
600
600
600
300
300
280
660
660
660
840
840
840
Ohms
(Vin = + 7.5 Vdc)
(Vin = – 7.5 Vdc) VSS = – 7.5 Vdc
(Vin = ± 0.25 Vdc)
7.5
360
360
360
240
240
180
400
400
400
520
520
520
(Vin = + 10 Vdc)
(Vin = + 0.25 Vdc) VSS = 0 Vdc
(Vin = + 5.6 Vdc)
10
600
600
600
260
310
310
660
660
660
840
840
840
(Vin = + 15 Vdc)
(Vin = + 0.25 Vdc) VSS = 0 Vdc
(Vin = + 9.3 Vdc)
15
360
360
360
260
260
300
400
400
400
520
520
520
∆ “ON” Resistance
Between any 2 circuits in a common
package
(VC = VDD)
(Vin = ± 5.0 Vdc, VSS = – 5.0 Vdc)
(Vin = ± 7.5 Vdc, VSS = – 7.5 Vdc)
∆RON
5.0
7.5
15
10
Ohms
Input/Output Leakage Current
(VC = VSS)
(Vin = + 7.5, Vout = – 7.5 Vdc)
(Vin = – 7.5, Vout = + 7.5 Vdc)
7.5
7.5
±0.1
±0.1
±0.0015
±0.0015
±0.1
± 0.1
± 1.0
± 1.0
µAdc
NOTE: All unused inputs must be returned to VDD or VSS as appropriate for the circuit application.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
** For voltage drops across the switch (
∆Vswitch) > 600 mV ( > 300 mV at high temperature), excessive VDD current may be drawn; i.e., the
current out of the switch may contain both VDD and switch input components. The reliability of the device will be unaffected unless the Maximum
Ratings are exceeded. (See first page of this data sheet.) Reference Figure 14.


Numéro de pièce similaire - MC14016BCP

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14016BCP ONSEMI-MC14016BCP Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016BCP ONSEMI-MC14016BCP Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14016BCPG ONSEMI-MC14016BCPG Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
More results

Description similaire - MC14016BCP

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14066B ONSEMI-MC14066B_14 Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com