Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT22C10WE-20-T1 Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce CAT22C10WE-20-T1
Description  256-Bit Nonvolatile CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT22C10WE-20-T1 Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button CAT22C10WE-20-T1 Datasheet HTML 2Page - ON Semiconductor CAT22C10WE-20-T1 Datasheet HTML 3Page - ON Semiconductor CAT22C10WE-20-T1 Datasheet HTML 4Page - ON Semiconductor CAT22C10WE-20-T1 Datasheet HTML 5Page - ON Semiconductor CAT22C10WE-20-T1 Datasheet HTML 6Page - ON Semiconductor CAT22C10WE-20-T1 Datasheet HTML 7Page - ON Semiconductor CAT22C10WE-20-T1 Datasheet HTML 8Page - ON Semiconductor CAT22C10WE-20-T1 Datasheet HTML 9Page - ON Semiconductor CAT22C10WE-20-T1 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CAT22C10
9
Doc No. MD-1082, Rev. R
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice.
EXAMPLE OF ORDERING INFORMATION(1)
Prefix
Device #
Suffix
22C10
W
I
T1
Product Number
22C10
20
––
CAT
Company ID
T: Tape & Reel
1: 1,000/Reel
Package
L: PDIP
W: SOIC, JEDEC
Speed
20: 200ns
30: 300ns
Temperature Range
I = Industrial (-40
°C to +85°C)
E = Extended (-40
°C to +125°C)(3)
ORDERING INFORMATION
Notes:
(1)
The device used in the above example is a CAT22C10WI-20-T1 (SOIC, Industrial Temperature, 200ns, Tape & Reel, 1,000/Reel).
(2)
For additional package option please contact your nearest Catalyst Semiconductor Sales office.
(3)
Extended Temperature available upon request.
s
r
e
b
m
u
N
t
r
a
P
e
l
b
a
r
e
d
r
O
)
s
e
c
i
v
e
D
e
e
r
F
-
b
P
r
o
f
(
0
2
E
L
0
1
C
2
2
T
A
C1
T
-
0
2
-
E
W
0
1
C
2
2
T
A
C
0
3
E
L
0
1
C
2
2
T
A
C1
T
-
0
3
-
E
W
0
1
C
2
2
T
A
C
0
2
I
L
0
1
C
2
2
T
A
C1
T
-
0
2
-
I
W
0
1
C
2
2
T
A
C
0
3
I
L
0
1
C
2
2
T
A
C1
T
-
0
3
-
I
W
0
1
C
2
2
T
A
C


Numéro de pièce similaire - CAT22C10WE-20-T1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT22C10WE-20-T1 ONSEMI-CAT22C10WE-20-T1 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
More results

Description similaire - CAT22C10WE-20-T1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT22C10J-30 ONSEMI-CAT22C10J-30 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10_04 Datasheet
508Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10LI-20 ONSEMI-CAT22C10LI-20 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10 Datasheet
70Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44LI-G ONSEMI-CAT24C44LI-G Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44J ONSEMI-CAT24C44J Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44W ONSEMI-CAT24C44W Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44V ONSEMI-CAT24C44V Datasheet
67Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44P ONSEMI-CAT24C44P Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com