Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTB16-600CW3G Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce BTB16-600CW3G
Description  Triacs Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BTB16-600CW3G Fiches technique(HTML) 2 Page - ON Semiconductor

  BTB16-600CW3G Datasheet HTML 1Page - ON Semiconductor BTB16-600CW3G Datasheet HTML 2Page - ON Semiconductor BTB16-600CW3G Datasheet HTML 3Page - ON Semiconductor BTB16-600CW3G Datasheet HTML 4Page - ON Semiconductor BTB16-600CW3G Datasheet HTML 5Page - ON Semiconductor BTB16-600CW3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BTB16-600CW3G, BTB16-800CW3G
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance,
Junction-to-Case
Junction-to-Ambient
RqJC
RqJA
2.1
60
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Blocking Current
(VD = Rated VDRM, VRRM; Gate Open)
TJ = 25°C
TJ = 125°C
IDRM/
IRRM
-
-
-
-
0.005
2.0
mA
ON CHARACTERISTICS
Peak On‐State Voltage (Note 2)
(ITM = ±22.5 A Peak)
VTM
-
-
1.55
V
Gate Trigger Current (Continuous dc) (VD = 12 V, RL = 33 W)
MT2(+), G(+)
MT2(+), G(-)
MT2(-), G(-)
IGT
2.0
2.0
2.0
-
-
-
35
35
35
mA
Holding Current
(VD = 12 V, Gate Open, Initiating Current = ±500 mA)
IH
-
-
50
mA
Latching Current (VD = 12 V, IG = 1.2 x IGT)
MT2(+), G(+)
MT2(+), G(-)
MT2(-), G(-)
IL
-
-
-
-
-
-
60
65
60
mA
Gate Trigger Voltage (VD = 12 V, RL = 33 W)
MT2(+), G(+)
MT2(+), G(-)
MT2(-), G(-)
VGT
0.5
0.5
0.5
-
-
-
1.7
1.1
1.1
V
Gate Non-Trigger Voltage (TJ = 125°C)
MT2(+), G(+)
MT2(+), G(-)
MT2(-), G(-)
VGD
0.2
0.2
0.2
-
-
-
-
-
-
V
DYNAMIC CHARACTERISTICS
Rate of Change of Commutating Current, See Figure 10.
(Gate Open, TJ = 125°C, No Snubber)
(dI/dt)c
6.0
-
-
A/ms
Critical Rate of Rise of On-State Current
(TJ = 125°C, f = 120 Hz, IG = 2 x IGT, tr ≤ 100 ns)
dI/dt
-
-
50
A/
ms
Critical Rate of Rise of Off‐State Voltage
(VD = 0.66 x VDRM, Exponential Waveform, Gate Open, TJ = 125°C)
dV/dt
1000
-
-
V/
ms
2. Indicates Pulse Test: Pulse Width
≤ 2.0 ms, Duty Cycle ≤ 2%.


Numéro de pièce similaire - BTB16-600CW3G

FabricantNo de pièceFiches techniqueDescription
logo
Kersemi Electronic Co.,...
BTB16-600CW KERSEMI-BTB16-600CW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
BTB16-600CW STMICROELECTRONICS-BTB16-600CW Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
logo
HAOPIN MICROELECTRONICS...
BTB16-600CW HAOPIN-BTB16-600CW Datasheet
442Kb / 5P
   Three quadrant triacs
logo
STMicroelectronics
BTB16-600CWRG STMICROELECTRONICS-BTB16-600CWRG Datasheet
99Kb / 9P
   16A TRIACS
BTB16-600CWRG STMICROELECTRONICS-BTB16-600CWRG Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
More results

Description similaire - BTB16-600CW3G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
   Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
   Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
logo
Kersemi Electronic Co.,...
MAC9D KERSEMI-MAC9D Datasheet
399Kb / 6P
   Triacs Silicon Bidirectional Thyristors
MAC12HCD KERSEMI-MAC12HCD Datasheet
415Kb / 6P
   Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA12-600BW3G ONSEMI-BTA12-600BW3G Datasheet
146Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com