Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA16-600CW3G Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce BTA16-600CW3G
Description  Triacs Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BTA16-600CW3G Fiches technique(HTML) 3 Page - ON Semiconductor

  BTA16-600CW3G Datasheet HTML 1Page - ON Semiconductor BTA16-600CW3G Datasheet HTML 2Page - ON Semiconductor BTA16-600CW3G Datasheet HTML 3Page - ON Semiconductor BTA16-600CW3G Datasheet HTML 4Page - ON Semiconductor BTA16-600CW3G Datasheet HTML 5Page - ON Semiconductor BTA16-600CW3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BTA16−600CW3G, BTA16−800CW3G
http://onsemi.com
3
+ Current
+ Voltage
VTM
IH
Symbol
Parameter
VDRM
Peak Repetitive Forward Off State Voltage
IDRM
Peak Forward Blocking Current
VRRM
Peak Repetitive Reverse Off State Voltage
IRRM
Peak Reverse Blocking Current
Voltage Current Characteristic of Triacs
(Bidirectional Device)
IDRM at VDRM
on state
off state
IRRM at VRRM
Quadrant 1
MainTerminal 2 +
Quadrant 3
MainTerminal 2 −
VTM
IH
VTM
Maximum On State Voltage
IH
Holding Current
MT1
(+) IGT
GATE
(+) MT2
REF
MT1
(−) IGT
GATE
(+) MT2
REF
MT1
(+) IGT
GATE
(−) MT2
REF
MT1
(−) IGT
GATE
(−) MT2
REF
MT2 NEGATIVE
(Negative Half Cycle)
MT2 POSITIVE
(Positive Half Cycle)
+
Quadrant III
Quadrant IV
Quadrant
II
Quadrant I
Quadrant Definitions for a Triac
IGT
+ IGT
All polarities are referenced to MT1.
With in−phase signals (using standard AC lines) quadrants I and III are used.


Numéro de pièce similaire - BTA16-600CW3G

FabricantNo de pièceFiches techniqueDescription
logo
Kersemi Electronic Co.,...
BTA16-600CW KERSEMI-BTA16-600CW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
BTA16-600CW STMICROELECTRONICS-BTA16-600CW Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
logo
HAOPIN MICROELECTRONICS...
BTA16-600CW HAOPIN-BTA16-600CW Datasheet
442Kb / 5P
   Three quadrant triacs
logo
STMicroelectronics
BTA16-600CWRG STMICROELECTRONICS-BTA16-600CWRG Datasheet
99Kb / 9P
   16A TRIACS
logo
Inchange Semiconductor ...
BTA16-600CWRG ISC-BTA16-600CWRG Datasheet
234Kb / 1P
   isc Triacs
More results

Description similaire - BTA16-600CW3G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
   Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
   Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
logo
Kersemi Electronic Co.,...
MAC9D KERSEMI-MAC9D Datasheet
399Kb / 6P
   Triacs Silicon Bidirectional Thyristors
MAC12HCD KERSEMI-MAC12HCD Datasheet
415Kb / 6P
   Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA12-600BW3G ONSEMI-BTA12-600BW3G Datasheet
146Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com