Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CB2016T3R3M Fiches technique(PDF) 11 Page - Taiyo Yuden (U.S.A.), Inc

No de pièce CB2016T3R3M
Description  WOUND CHIP INDUCTORS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Site Internet  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CB2016T3R3M Fiches technique(HTML) 11 Page - Taiyo Yuden (U.S.A.), Inc

Back Button CB2016T3R3M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc CB2016T3R3M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc CB2016T3R3M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc CB2016T3R3M Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc CB2016T3R3M Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc CB2016T3R3M Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc CB2016T3R3M Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc CB2016T3R3M Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc CB2016T3R3M Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
52
1
wound02_e-01
ELECTRICAL CHARACTERISTICS
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Frequency〔MHz〕
CB2518
1
10
1
10
100000
100
1000
10000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
CB2012
1
10
0.1
1
10
1000
100
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
CB2016
1
10
0.1
1
10
1000
100
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
CB2518
1
10
0.1
1
10
1000
100
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
CBC2016
1
10
0.1
1
10
1000
100
100
10000
1000
1R0M
101□
100□
Frequency〔MHz〕
CBC2016
1
10
1
10
100000
100
1000
10000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
CBC2012
1
10
0.1
1
10
100
100
1000
1R0M
470□
100□
Frequency〔MHz〕
CBC2012
1
10
1
10
100000
100
1000
10000
100
10000
1000
1R0M
470□
100□
DC Bias〔mA〕
CBC2518
1
10
0.1
1
10
1000
100
100
10000
1000
1R0M
101□
100□
Frequency〔MHz〕
CBC2518
1
10
1
10
100000
100
1000
10000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
CBC3225
1
10
0.1
1
10
100
100
10000
1000
1R0MR
101□R
100□R
Frequency〔MHz〕
CBC3225
1
10
1
10
100000
100
1000
10000
100
10000
1000
1R0MR
101□R
100□R
Low Rdc Type
Low Rdc Type
High Current Type
High Current Type
DC Bias characteristics Measured by HP4285A+42841A
Impedance-vs-Frequency characteristics Measured by HP4291A
Frequency〔MHz〕
CB2012
1
10
1
10
100000
10000
1000
100
100
10000
1000
1R0M
101□
100□
Frequency〔MHz〕
CB2016
1
10
1
10
100000
100
1000
10000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
CBL2012
1
10
1
10
100
100
1000
470M
100M
4R7M
Frequency〔MHz〕
CBL2012
1
10
1
10
100000
100
1000
10000
100
1000
4R7M
470M
100M
DC Bias〔mA〕
CBMF1608
1
10
1
10
100
100
1000
100□
4R7M
1R0M
Frequency〔MHz〕
CBMF1608
1
10
1
10
100000
100
1000
10000
100
1000
10000
4R7M
470□
100□
Low Profile Type
Low Profile Type
Bottom-surface electrode Type
Bottom-surface electrode Type


Numéro de pièce similaire - CB2016T3R3M

FabricantNo de pièceFiches techniqueDescription
logo
Linear Integrated Syste...
CB2016T3R3M LINEAR-CB2016T3R3M Datasheet
278Kb / 16P
   Dual Monolithic 300mA Synchronous Step-Down Regulaor
logo
Taiyo Yuden (U.S.A.), I...
CB2016T3R3M TAIYO-YUDEN-CB2016T3R3M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T3R3M TAIYO-YUDEN-CB2016T3R3M Datasheet
361Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CB2016T3R3M8 TAIYO-YUDEN-CB2016T3R3M8 Datasheet
277Kb / 2P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CB]
CB2016T3R3MV TAIYO-YUDEN-CB2016T3R3MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
More results

Description similaire - CB2016T3R3M

FabricantNo de pièceFiches techniqueDescription
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
   WOUND CHIP INDUCTORS
logo
List of Unclassifed Man...
CB2012T2R2M ETC1-CB2012T2R2M Datasheet
781Kb / 16P
   WOUND CHIP INDUCTORS
logo
PCA ELECTRONICS INC.
EPIMSC0402C PCA-EPIMSC0402C Datasheet
37Kb / 3P
   Wound Chip Inductors
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com