Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AVC2T872 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AVC2T872
Description  VOLTAGE-LEVEL SHIFTER FOR IC-USB INTERFACE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC2T872 Fiches technique(HTML) 2 Page - Texas Instruments

  SN74AVC2T872 Datasheet HTML 1Page - Texas Instruments SN74AVC2T872 Datasheet HTML 2Page - Texas Instruments SN74AVC2T872 Datasheet HTML 3Page - Texas Instruments SN74AVC2T872 Datasheet HTML 4Page - Texas Instruments SN74AVC2T872 Datasheet HTML 5Page - Texas Instruments SN74AVC2T872 Datasheet HTML 6Page - Texas Instruments SN74AVC2T872 Datasheet HTML 7Page - Texas Instruments SN74AVC2T872 Datasheet HTML 8Page - Texas Instruments SN74AVC2T872 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Host
Application
Processor
1.8 V
3 V
HD Sim Card
D+
D–
SN74AVC2T872
VCCA
D+(A)
D–(A)
DIR
PD_EN
D+
D–
TX_EN
PD_EN
VCCB
D+(B)
GND
DIR_POL
D–(B)
IEC ESD
Protection
A-Port
B-Port
V
CCA
V
CCB
D+(A)
D–(A)
DIR
PD_EN
DIR_POL
D+(B)
D–(B)
Rpd(–)
120 k
Rpd(+) 120 k
V
Power-Down
Control
CCB
SN74AVC2T872
SCES710 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
TYPICAL APPLICATION BLOCK DIAGRAM
LOGIC DIAGRAM
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN74AVC2T872


Numéro de pièce similaire - SN74AVC2T872

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC2T872 TI-SN74AVC2T872 Datasheet
291Kb / 18P
[Old version datasheet]   SN74AVC2T872
SN74AVC2T872YFPR TI-SN74AVC2T872YFPR Datasheet
291Kb / 18P
[Old version datasheet]   SN74AVC2T872
More results

Description similaire - SN74AVC2T872

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
34825 FREESCALE-34825_10 Datasheet
971Kb / 39P
   Micro-USB Interface IC
logo
Texas Instruments
CD4504B-EP TI1-CD4504B-EP_16 Datasheet
1,017Kb / 15P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER
logo
Sanyo Semicon Device
LC4105V SANYO-LC4105V Datasheet
66Kb / 6P
   Level Shifter
logo
Richtek Technology Corp...
RT8900 RICHTEK-RT8900 Datasheet
142Kb / 11P
   Level Shifter
logo
Texas Instruments
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
logo
NXP Semiconductors
SAA8117HL PHILIPS-SAA8117HL Datasheet
231Kb / 60P
   Digital camera USB interface IC
1999 Apr 02
logo
Maxim Integrated Produc...
MAX20067 MAXIM-MAX20067 Datasheet
4Mb / 39P
   Automotive 3-Channel Display Bias IC with VCOM Buffer, Level Shifter, and I2C Interface
Rev 2; 1/21
logo
Feature Integration Tec...
F75909 FINTEK-F75909 Datasheet
453Kb / 10P
   SMBus Level Shifter
logo
STMicroelectronics
HCC40109B STMICROELECTRONICS-HCC40109B Datasheet
292Kb / 12P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
HCF40109B STMICROELECTRONICS-HCF40109B_03 Datasheet
300Kb / 10P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com