Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14014B Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MC14014B
Description  8-Bit Static Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14014B Fiches technique(HTML) 3 Page - Motorola, Inc

  MC14014B Datasheet HTML 1Page - Motorola, Inc MC14014B Datasheet HTML 2Page - Motorola, Inc MC14014B Datasheet HTML 3Page - Motorola, Inc MC14014B Datasheet HTML 4Page - Motorola, Inc MC14014B Datasheet HTML 5Page - Motorola, Inc MC14014B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
53
MC14014B MC14021B
SWITCHING CHARACTERISTICS (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ #
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time (Clock to Q, P/S to Q)
tPHL, tPLH = (1.7 ns/pF) CL + 315 ns
tPHL, tPLH = (0.66 ns/pF) CL + 137 ns
tPHL, tPLH = (0.5 ns/pF) CL + 90 ns
tPLH,
tPHL
5.0
10
15
400
170
115
800
340
230
ns
Clock Pulse Width
tWH
5.0
10
15
400
175
135
150
75
40
ns
Clock Frequency
fcl
5.0
10
15
3.0
6.0
8.0
1.5
3.0
4.0
MHz
Parallel/Serial Control Pulse Width
tWH
5.0
10
15
400
175
135
150
75
40
ns
Setup Time
P/S to Clock
tsu
5.0
10
15
200
100
80
100
50
40
ns
Hold Time
Clock to P/S
th
5.0
10
15
20
20
25
– 2.5
– 10
0
ns
Setup Time
Data (Parallel or Serial) to
Clock or P/S
tsu
5.0
10
15
350
80
60
150
50
30
ns
Hold Time
Clock to Ds
th
5.0
10
15
45
35
35
0
0
5
ns
Hold Time
Clock to Pn
th
5.0
10
15
50
45
45
25
20
20
ns
Input Clock Rise Time
tr(cl)
5.0
10
15
15
5
4
µs
* The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Output Source Current Test Circuit
Figure 2. Output Sink Current Test Circuit
PULSE
GENERATOR
PULSE
GENERATOR
VDD
Vout
IOH
EXTERNAL
POWER
SUPPLY
EXTERNAL
POWER
SUPPLY
P/S
C
P6
P7
P8
DS
Q8
Q7
Q6
Preset output under test to a logic “1” level.
VDD
Vout
P/S
C
P6
P7
P8
DS
Q8
Q7
Q6
IOL


Numéro de pièce similaire - MC14014B

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B Datasheet
100Kb / 8P
   8-Bit Static Shift Register
February, 2005 ??Rev. 5
MC14014B ONSEMI-MC14014B Datasheet
107Kb / 7P
   8-Bit Static Shift Register
July, 2014 ??Rev. 9
MC14014BCP ONSEMI-MC14014BCP Datasheet
100Kb / 8P
   8-Bit Static Shift Register
February, 2005 ??Rev. 5
MC14014BCPG ONSEMI-MC14014BCPG Datasheet
100Kb / 8P
   8-Bit Static Shift Register
February, 2005 ??Rev. 5
MC14014BD ONSEMI-MC14014BD Datasheet
100Kb / 8P
   8-Bit Static Shift Register
February, 2005 ??Rev. 5
More results

Description similaire - MC14014B

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B Datasheet
100Kb / 8P
   8-Bit Static Shift Register
February, 2005 ??Rev. 5
logo
NXP Semiconductors
HEF4014B PHILIPS-HEF4014B Datasheet
89Kb / 6P
   8-bit static shift register
January 1995
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B_14 Datasheet
107Kb / 7P
   8-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
Hitachi Semiconductor
HD14021B HITACHI-HD14021B Datasheet
72Kb / 5P
   8-bit Static Shift Register
logo
NXP Semiconductors
HEF4021B NXP-HEF4021B Datasheet
89Kb / 14P
   8-bit static shift register
Rev. 04-10 November 2008
logo
Nexperia B.V. All right...
HEF4014B-Q100 NEXPERIA-HEF4014B-Q100 Datasheet
206Kb / 12P
   8-bit static shift register
HEF4021B NEXPERIA-HEF4021B Datasheet
242Kb / 14P
   8-bit static shift register
Rev. 11 - 1 December 2021
logo
NXP Semiconductors
HEF4014BT653 PHILIPS-HEF4014BT653 Datasheet
105Kb / 14P
   8-bit static shift register
Rev. 8-21 November 2011
logo
Nexperia B.V. All right...
HEF4014B NEXPERIA-HEF4014B Datasheet
216Kb / 12P
   8-bit static shift register
Rev. 11 - 24 November 2021
logo
Rohm
BU4021B ROHM-BU4021B Datasheet
59Kb / 5P
   8-bit static shift register
logo
NXP Semiconductors
HEF4014B NXP-HEF4014B Datasheet
105Kb / 14P
   8-bit static shift register
Rev. 8-21 November 2011
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com