Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CB-1004B-70 Fiches technique(PDF) 1 Page - Tyco Electronics

No de pièce CB-1004B-70
Description  CB series CMOS IC Time Delay Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

CB-1004B-70 Fiches technique(HTML) 1 Page - Tyco Electronics

  CB-1004B-70 Datasheet HTML 1Page - Tyco Electronics CB-1004B-70 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1228
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
P&B
Catalog 1308242
Issued 3-03
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Initial Dielectric Strength
Between Open Contacts: 500V rms, 60 Hz.
Between All Other Conductors: 500V rms, 60 Hz.
Timing Modes
Delay on operate – Delay period begins when input voltage is applied. At
the end of the delay period, the relay will operate and will not release until
input voltage is removed. Reset occurs when input voltage is reapplied.
Delay on release – Input voltage must be applied continuously to operate
the internal relay. When the control switch is closed, the relay energizes.
When the control switch is opened, timing begins. When timing is
complete, the relay will de-energize. Time may be reset to zero during
timing by closing the control switch.
Interval on (without control switch) – The relay energizes and timing
begins when input voltage is applied. At the end of the time delay period
the relay will de-energize. Reset is accomplished by removing, then
reapplying, the input voltage.
Interval on (with control switch) – Input voltage must be applied
continuously to operate the internal relay. The relay energizes and timing
begins when the external switch is closed. At the end of the time delay
period the relay will de-energize. Reset is accomplished by opening and
reclosing the control switch.
CB series
CMOS IC Time Delay Relay
Choice of timing modes
– Delay on operate
– Delay on release
– Interval on with or without control switch
Knob adjustable
10A output relay with SPDT or DPDT contacts
Various models time from 0.1 sec. to 100 min.
File E22575
File LR15734
Input Data @ 25
°C
Voltage: 24 and 120VAC, and 12 and 24VDC.
Power Requirement: AC Types: Typically less than 3 VA.
DC Types: Typically less than 3 W.
Transient Protection: Yes.
Reverse Voltage Protection: Yes.
Environmental Data
Temperature Range: Storage: -55
°C to +85°C.
Operating: -10
°C to +55°C.
Mechanical Data
Termination: 8- or 11-pin octal style plug.
Enclosure: White plastic case. Knob adjustable types have dial scale for
reference only.
Sockets: Models with 8-pin base fit either 27E122 or 27E891 (snap-on)
screw terminal sockets. 11-pin types fit either 27E123 or
27E892 (snap-on) screw terminal sockets.
Weight: 6 oz. (170g) approximately.
Contact Data @ 25
°C
Arrangements: 2 Form C (DPDT), except 8-pin delay on release model
has 1 Form C (SPDT).
Material: Silver-cadmium oxide alloy.
Rating: 10A @ 30VDC or 277VAC, resistive; 1/2 HP @ 250VAC;
1/3 HP @ 120VAC.
Expected Mechanical Life: 10 million operations.
Expected Electrical Life: 100,000 operations, min., at rated load.
Input Voltages & Limits @ 25
°C
Voltage
Nominal
Minimum
Maximum
Type
Voltage
Voltage
Voltage
AC
24
20
28
120
105
130
DC
12
11
13
24
20
32
Note: DC voltage must be filtered (5% p-p ripple max. at nom. voltage).
AC models will operate on 50 or 60 Hz.
Timing Specifications
Timing Ranges: From 0.1 to 1.0 sec. through 10 to 100 min.
Timing Adjustment: Knob adjustable.
Tolerance (for AC units add
±1/2 cycle 60 Hz.):
Knob Adj. Types: –0, +30% of max. specified at high end of timing range;
min. specified, or less, at low end.
Fixed Types:
±10%.
Res. Adj. Types:
±10% at high end of timing range; min. specified, or less,
at low end.
Delta Time (for AC units add
±1 cycle 60 Hz.): ±10%.
Repeatability (for AC units add
±1 cycle 60 Hz.): ±2%.
Release Time: 60 ms, typ.; 100 ms, max.
Recycle Time: 60 ms, typ.; 100 ms, max.
CONTROL
SWITCH
ON
OFF
ON
OFF
N.O. RELAY
CONTACTS
TIME
TIME
INPUT
VOLTAGE
ON
OFF
N.O. RELAY
CONTACTS
ON
OFF
INPUT
VOLTAGE
ON
OFF
ON
OFF
N.O. RELAY
CONTACTS
TIME
CONTROL
SWITCH
ON
OFF
ON
OFF
N.O. RELAY
CONTACTS
TIME
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Numéro de pièce similaire - CB-1004B-70

FabricantNo de pièceFiches techniqueDescription
logo
Moxa Inc.
CB-108 MOXA-CB-108 Datasheet
300Kb / 3P
   8-port RS-232 PC/104-Plus modules
CB-108-T MOXA-CB-108-T Datasheet
300Kb / 3P
   8-port RS-232 PC/104-Plus modules
More results

Description similaire - CB-1004B-70

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
CGB-38-70005M MACOM-CGB-38-70005M Datasheet
46Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-3 MACOM-2-1393136-3 Datasheet
56Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-8 MACOM-2-1393136-8 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-4 MACOM-2-1393136-4 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
CDB-38-70001 MACOM-CDB-38-70001 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-5 MACOM-2-1393136-5 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-1 MACOM-2-1393136-1 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-9 MACOM-2-1393136-9 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
CGB-38-70010M MACOM-CGB-38-70010M Datasheet
46Kb / 2P
   CG series CMOS IC Time Delay Relay
CKB-38-30010 MACOM-CKB-38-30010 Datasheet
48Kb / 2P
   Mid-Priced CMOS IC Time Delay Relay
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com