Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPL9202 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPL9202
Description  8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPL9202 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPL9202_1 Datasheet HTML 2Page - Texas Instruments TPL9202_1 Datasheet HTML 3Page - Texas Instruments TPL9202_1 Datasheet HTML 4Page - Texas Instruments TPL9202_1 Datasheet HTML 5Page - Texas Instruments TPL9202_1 Datasheet HTML 6Page - Texas Instruments TPL9202_1 Datasheet HTML 7Page - Texas Instruments TPL9202_1 Datasheet HTML 8Page - Texas Instruments TPL9202_1 Datasheet HTML 9Page - Texas Instruments TPL9202_1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
Electrical Characteristics
TPL9202
8-CHANNEL RELAY DRIVER
WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
SLIS124D – JUNE 2006 – REVISED FEBRUARY 2008
TA = –40°C to 125°C, VIN = 7 V to 18 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
Supply Voltage and Current
VIN
(2)
Input voltage
7
18
V
Enable = low, OUT1–OUT8 = Off
3
IIN
Input supply current
mA
Enable = high, OUT1–OUT8 = On
5
Logic Inputs (MOSI, NCS, SCLK, and EN1)
VIL
Logic input low level
IIL = 100 µA
0.8
V
VIH
Logic input high level
IIL = 100 µA
2.4
V
Reset (RST)
VOL
Low-level logic output
IOL = 1.6 mA
0.4
V
VOH
(3)
High-level logic output
5-k
Ω pullup to VCC
VCC – 0.8
V
VH
Disabling reset threshold
5-V regulator ramps up
4.25
4.5
V
VL
Enabling reset threshold
5-V regulator ramps down
3.3
3.75
V
VHYS
Threshold hysteresis
0.12
0.5
V
Reset Delay (RDELAY)
IOUT
Output current
18
28
48
µA
tDW
Reset delay timer
C = 47 nF
3
6
ms
tUP
Reset capacitor to low level
C = 47 nF
45
µs
Output (OUT1–OUT8)
VOL
Output ON
IOUTn = 150 mA
0.4
0.7
V
IOH
Output leakage
VOH = Max of 16.5 V
2
µA
Regulator Output (5VOUT)
I5VOUT = 5 mA to 200 mA, VIN = 7 V to 18 V,
5VOUT
Output supply
4.75
5
5.25
V
C5VOUT = 1 µF
Limit output short circuit
I5Vout
5VOUT = 0 V
200
mA
current
Brown-Out (BO) Input
Threshold for brown-out
BOVthes
VIN reduced until BO_OUTZ goes low
1.3
V
detection
Brown-Out Detection Output (BO_OUTZ)
VOL
Logic level output
IOL = 100 µA
0.4
V
VOH
(3)
Logic level output
Pullup to VCC
VCC – 0.8
V
Thermal Shutdown
TSD
Thermal shutdown
150
°C
THYS
Hysteresis
20
°C
(1)
All typical values are at TA = 25°C.
(2)
There are external high-frequency noise-suppression capacitors and filter capacitors on VIN.
(3)
VCC is the pullup resistor voltage.
6
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TPL9202


Numéro de pièce similaire - TPL9202_1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL9202PWP TI-TPL9202PWP Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9202PWPG4 TI-TPL9202PWPG4 Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9202PWPR TI-TPL9202PWPR Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9202PWPRG4 TI-TPL9202PWPRG4 Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
More results

Description similaire - TPL9202_1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL9202 TI-TPL9202 Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9201 TI-TPL9201_07 Datasheet
624Kb / 19P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
logo
Allegro MicroSystems
A2550 ALLEGRO-A2550 Datasheet
530Kb / 15P
   Relay Driver with 5 V Regulator
logo
ON Semiconductor
NCS2584 ONSEMI-NCS2584 Datasheet
268Kb / 17P
   Four-Channel Video Driver with Load Detection and Signal Detection
August, 2012 ??Rev. 0
logo
National Semiconductor ...
COP840CJ NSC-COP840CJ Datasheet
479Kb / 36P
   8-Bit Microcontrollers with Multi-Input Wake-Up and Brown Out Detector
COPCJ820 NSC-COPCJ820 Datasheet
408Kb / 32P
   8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
logo
ON Semiconductor
MDC3105 ONSEMI-MDC3105_1 Datasheet
426Kb / 2P
   5 V Relay Driver Socket
Rev.0,Aug.2006
logo
NXP Semiconductors
PCA9922 NXP-PCA9922 Datasheet
144Kb / 26P
   8-channel constant current LED driver with output error detection
Rev. 01-15 January 2009
PCA9922 NXP-PCA9922_11 Datasheet
255Kb / 27P
   8-channel constant current LED driver with output error detection
Rev. 2-6 April 2011
logo
Diodes Incorporated
DMN61D8LVTQ DIODES-DMN61D8LVTQ_16 Datasheet
349Kb / 7P
   INTEGRATED RELAY AND INDUCTIVE LOAD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com