Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OWS1205 Fiches technique(PDF) 1 Page - Power-One

No de pièce OWS1205
Description  Industry Standard Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWER-ONE [Power-One]
Site Internet  http://www.power-one.com
Logo POWER-ONE - Power-One

OWS1205 Fiches technique(HTML) 1 Page - Power-One

  OWS1205 Datasheet HTML 1Page - Power-One OWS1205 Datasheet HTML 2Page - Power-One OWS1205 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(888) IPD-CONVerters G (888) 473-2668 G www.ipdconverters.com
1
.
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
LOAD %
EFF. OWS4805
EFF. OWS4812
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
LOAD %
EFF. OWS1205
EFF. OWS1212
EFF. OWS1215
OWS single output DC/DC converters provide up to
25 Watts of output power in an industry standard
package and footprint. The OWS features excellent
efficiency, six-sided shielding, and a fixed switching
frequency. With 85°C case operation, the OWS is
especially suited to telecom, networking, and
industrial applications.
DESCRIPTION
FEATURES
OWS SERIES - 25 WATT
• Industry Standard Package
• 12V and 48V Input
Versions
• 25W Output
• 85°C Case Operation
• Trim and Enable Pins
• Fixed Frequency
• 500V Isolation
• Wide Input Range
Notes
1
Industrial temperature range of -40 to +85°C available; add suffix -I to P/N.
MTBF predictions may vary slightly from model to model.
Specifications typically at 25°C, normal line, and full load, unless otherwise
stated.
Soldering Conditions: I/O pins, 260°C, ten seconds; fully compatible with
commercial wave-soldering equipment.
Safety: Agency approvals may vary from model to model. Please consult factory
for specific model information.
Efficiency vs. Load (48V Input)
Efficiency vs. Load (12V Input)
TECHNICAL SPECIFICATIONS
Input
Voltage Range
12 VDC Nominal
10 - 20 VDC
48 VDC Nominal
20 - 60 VDC
Input Reverse Voltage Protection
Shunt Diode
Input Ripple Current
20% I
in Max.
Reverse Input Current
100% I
in Max.
Setpoint Accuracy
±1%
Line Regulation V
in Min. - Vin Max., Iout Rated
±1% V
out
Load Regulation I
out Min. - I
out Max., Vin Nom.
±1% V
out
Minimum Output Current
10 %
Dynamic Regulation, Loadstep
25% I
out
Pk Deviation
1% V
out
Settling Time
500
µs
Voltage Trim Range
±10%
Short Circuit / Overcurrent Protection
Continuous
Current Limit Threshold Range, % of I
out Rated
110% - 130%
Output
Remote Shutdown
Positive
Remote Shutdown Reference
V
in Negative
Switching Frequency
300 kHz
Isolation
Input - Output
500 VDC
Temperature Coefficient
0.02%/°C
Case Temperature
Operating Range
-25 To +85°C1
Storage Range
-40 To +125°C
Humidity Max., Non-Condensing
95%
Vibration, 3 Axes, 5 min. each
5 g, 10 - 55 Hz
MTBF(Bellcore TR-NWT-000332)
1.8 X 106 hrs
Safety
UL1950, CSA 22.2-950, EN60950
Weight (Approx.)
1.9 oz
General
Rev. 05/01


Description similaire - OWS1205

FabricantNo de pièceFiches techniqueDescription
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
   Industry Standard Package
MVAV3 MMD-MVAV3 Datasheet
136Kb / 2P
   Industry Standard Package
MVKL2 MMD-MVKL2 Datasheet
85Kb / 1P
   Industry Standard Package
MTEH MMD-MTEH Datasheet
145Kb / 2P
   Industry Standard Package
MAC MMD-MAC Datasheet
81Kb / 1P
   Industry Standard Package
MAH MMD-MAH Datasheet
91Kb / 1P
   Industry Standard Package
logo
Power-One
QES050YE POWER-ONE-QES050YE Datasheet
151Kb / 3P
   Industry Standard Package
logo
MMD Components
MVAP5 MMD-MVAP5 Datasheet
136Kb / 2P
   Industry Standard Package
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com