Moteur de recherche de fiches techniques de composants électroniques |
|
TL1963A-18DCQT Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
TL1963A-18DCQT Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 27 page TL1963A-xx SLVS719E – JUNE 2008 – REVISED AUGUST 2009........................................................................................................................................................ www.ti.com ELECTRICAL CHARACTERISTICS (1) Over operating temperature range TJ = –40°C to 125°C (unless otherwise noted) PARAMETER TEST CONDITIONS TJ MIN TYP (2) MAX UNIT ILOAD = 0.5 A 25°C 1.9 Minimum input voltage(3) VIN V (4) ILOAD = 1.5 A Full range 2.1 2.5 VIN = 2.21 V, ILOAD = 1 mA 25°C 1.477 1.500 1.523 TL1963A-1.5 VIN = 2.5 V to 20 V, Full range 1.447 1.500 1.545 ILOAD = 1 mA to 1.5 A VIN = 2.3 V, ILOAD = 1 mA 25°C 1.773 1.800 1.827 TL1963A-1.8 VIN = 2.8 V to 20 V, Full range 1.737 1.800 1.854 ILOAD = 1 mA to 1.5 A VOUT Regulated output voltage(5) V VIN = 3 V, ILOAD = 1 mA 25°C 2.462 2.500 2.538 TL1963A-2.5 VIN = 3.5 V to 20 V, Full range 2.412 2.500 2.575 ILOAD = 1 mA to 1.5 A VIN = 3.8 V, ILOAD = 1 mA 25°C 3.250 3.300 3.350 TL1963A-3.3 VIN = 4.3 V to 20 V, Full range 3.200 3.300 3.400 ILOAD = 1 mA to 1.5 A VIN = 2.21 V, ILOAD = 1 mA 25°C 1.192 1.21 1.228 VADJ ADJ pin voltage(3) (5) TL1963A V VIN = 2.5 V to 20 V, Full range 1.174 1.21 1.246 ILOAD = 1 mA to 1.5 A ΔVIN = 2.21 V to 20 V, TL1963A-1.5 Full range 2 6 ILOAD = 1 mA ΔVIN = 2.3 V to 20 V, TL1963A-1.8 Full range 2.5 7 ILOAD = 1 mA ΔVIN = 3 V to 20 V, Line regulation TL1963A-2.5 Full range 3 10 mV ILOAD = 1 mA ΔVIN = 3.8 V to 20 V, TL1963A-3.3 Full range 3.5 10 ILOAD = 1 mA ΔVIN = 2.21 V to 20 V, TL1963A(3) Full range 1.5 5 ILOAD = 1 mA 25°C 2 9 VIN = 2.5 V, TL1963A-1.5 ΔILOAD = 1 mA to 1.5 A Full range 18 25°C 2 10 VIN = 2.8 V, TL1963A-1.8 ΔILOAD = 1 mA to 1.5 A Full range 20 25°C 2.5 15 VIN = 3.5 V, Load regulation TL1963A-2.5 mV ΔILOAD = 1 mA to 1.5 A Full range 30 25°C 3 20 VIN = 4.3 V, TL1963A-3.3 ΔILOAD = 1 mA to 1.5 A Full range 70 25°C 2 8 VIN = 2.5 V, TL1963A(3) ΔILOAD = 1 mA to 1.5 A Full range 18 (1) The TL1963A-xx regulators are tested and specified under pulse load conditions such that TJ TA. The TL1963A-xx is fully tested at TA = 25°C. Performance at –40°C and 125°C is specified by design, characterization, and correlation with statistical process controls. (2) Typical values represent the likely parametric nominal values determined at the time of characterization. Typical values depend on the application and configuration and may vary over time. Typical values are not ensured on production material. (3) The TL1963A (adjustable version) is tested and specified for these conditions with the ADJ pin connected to the OUT pin. (4) For the TL1963A, TL1963A-1.5 and TL1963A-1.8, dropout voltages are limited by the minimum input voltage specification under some output voltage/load conditions. (5) Operating conditions are limited by maximum junction temperature. The regulated output voltage specification does not apply for all possible combinations of input voltage and output current. When operating at maximum input voltage, the output current range must be limited. When operating at maximum output current, the input voltage range must be limited. 4 Submit Documentation Feedback Copyright © 2008–2009, Texas Instruments Incorporated |
Numéro de pièce similaire - TL1963A-18DCQT |
|
Description similaire - TL1963A-18DCQT |