Moteur de recherche de fiches techniques de composants électroniques |
|
74CBTLV3125PWRE4 Fiches technique(PDF) 4 Page - Texas Instruments |
|
74CBTLV3125PWRE4 Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 19 page SN74CBTLV3125 LOW VOLTAGE QUADRUPLE FET BUS SWITCH SCDS037J − DECEMBER 1997 − REVISED OCTOBER 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VIK VCC = 3 V, II = −18 mA −1.2 V II VCC = 3.6 V, VI = VCC or GND ±1 µA Ioff VCC = 0, VI or VO = 0 to 3.6 V 10 µA ICC VCC = 3.6 V, IO = 0, VI = VCC or GND 10 µA ∆ICC‡ Control inputs VCC = 3.6 V, One input at 3 V, Other inputs at VCC or GND 300 µA Ci Control inputs VI = 3 V or 0 2.5 pF Cio(OFF) VO = 3 V or 0, OE = VCC 7 pF VCC = 2.3 V, VI = 0 II = 64 mA 5 8 VCC = 2.3 V, TYP at VCC = 2.5 V VI = 0 II = 24 mA 5 8 ron§ TYP at VCC = 2.5 V VI = 1.7 V, II = 15 mA 27 40 Ω ron§ VI = 0 II = 64 mA 5 7 Ω VCC = 3 V VI = 0 II = 24 mA 5 7 VCC = 3 V VI = 2.4 V, II = 15 mA 10 15 † All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C. ‡ This is the increase in supply current for each input that is at the specified voltage level, rather than VCC or GND. § Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by the lower of the voltages of the two (A or B) terminals. switching characteristics over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 2.5 V ± 0.2 V VCC = 3.3 V ± 0.3 V UNIT PARAMETER (INPUT) (OUTPUT) MIN MAX MIN MAX UNIT tpd¶ A or B B or A 0.15 0.25 ns ten OE A or B 2 4.6 2 4.4 ns tdis OE A or B 1.1 3.9 1 4.2 ns ¶ The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance). |
Numéro de pièce similaire - 74CBTLV3125PWRE4 |
|
Description similaire - 74CBTLV3125PWRE4 |