Moteur de recherche de fiches techniques de composants électroniques |
|
SD1614T5-B5M Fiches technique(PDF) 3 Page - TDK Electronics |
|
SD1614T5-B5M Fiches technique(HTML) 3 Page - TDK Electronics |
3 / 5 page (2/4) 006-01 / 20090108 / ec211_sd.fm • All specifications are subject to change without notice. SD1614T5-B1, SD1614TT-B1 / ø16mm TYPE FEATURES • These low-cost electromagnetic buzzers are suited to a wide range of applications. • Pin type terminal construction enables direct mounting onto printed circuit boards. APPLICATIONS Office equipment, electronic games, toys, home appliances, key- boards. FREQUENCY CHARACTERISTICS Around 2000Hz SHAPES AND DIMENSIONS SPECIFICATIONS • Please ask us for details which is designed an another operating rated frequency. • Products with 5mm terminal pitch are also available. Please substitute -B1 at the end of part number to -A1 in this case. SD1614TT-B3M(Applicable to automobile) / ø16mm TYPE FEATURES • These high reliability electromagnetic buzzers are applicable to automobile equipment. • Pin type terminal construction enables direct mounting onto printed circuit boards. APPLICATIONS Various alarms of automobile equipment. FREQUENCY CHARACTERISTICS Around 2000Hz SHAPES AND DIMENSIONS SPECIFICATIONS • Please ask us for details which is designed an another operating rated frequency. • Products with 5mm terminal pitch are also available. Part No.: SD1614TT-A5M 100 90 80 70 60 1000 2000 3000 Frequency(Hz) Part No. SD1614T5-B1 SD1614TT-B1 Rated voltage Eo-p(V) 5 12 Operating voltage Eo-p(V) 3 to 6 6 to 15 Drive conditions: Rated voltage, square wave form [duty 50%] Drive frequency(Hz) 2048 2048 Sound pressure(dB(A)/10cm)min. 85 85 Current Io-p(mA)max. 80 100 DC resistance( Ω)typ. 70 120 Terminal construction Pin terminal Pin terminal Operating temperature range –10 to +70°C Storage temperature range –20 to +80°C Sound release hole 3.2 0.5 5.5 14 + Positive mark •The longer pin is the + side. Weight: 4g Dimensions in mm 100 90 80 70 60 1000 2000 3000 Frequency(Hz) Part No. SD1614TT-B3M Rated voltage Eo-p(V) 12 Operating voltage Eo-p(V) 6 to 15 Drive conditions: Rated voltage, square wave form [duty 50%] Drive frequency(Hz) 2048 Sound pressure(dB(A)/10cm)min. 85 Current Io-p(mA)max. 100 DC resistance( Ω)typ. 120 Terminal construction Pin terminal Operating temperature range –40 to +85°C Storage temperature range –40 to +85°C Sound release hole 3.8 0.5 3.8 14 + Positive mark •The longer pin is the + side. Weight: 4g Dimensions in mm |
Numéro de pièce similaire - SD1614T5-B5M |
|
Description similaire - SD1614T5-B5M |