Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD1614T5-B1 Fiches technique(PDF) 3 Page - TDK Electronics

No de pièce SD1614T5-B1
Description  Electromagnetic Buzzers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

SD1614T5-B1 Fiches technique(HTML) 3 Page - TDK Electronics

  SD1614T5-B1 Datasheet HTML 1Page - TDK Electronics SD1614T5-B1 Datasheet HTML 2Page - TDK Electronics SD1614T5-B1 Datasheet HTML 3Page - TDK Electronics SD1614T5-B1 Datasheet HTML 4Page - TDK Electronics SD1614T5-B1 Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
(2/4)
006-01 / 20090108 / ec211_sd.fm
• All specifications are subject to change without notice.
SD1614T5-B1, SD1614TT-B1 / ø16mm TYPE
FEATURES
• These low-cost electromagnetic buzzers are suited to a wide
range of applications.
• Pin type terminal construction enables direct mounting onto
printed circuit boards.
APPLICATIONS
Office equipment, electronic games, toys, home appliances, key-
boards.
FREQUENCY CHARACTERISTICS
Around 2000Hz
SHAPES AND DIMENSIONS
SPECIFICATIONS
• Please ask us for details which is designed an another operating rated
frequency.
• Products with 5mm terminal pitch are also available. Please substitute
-B1 at the end of part number to -A1 in this case.
SD1614TT-B3M(Applicable to automobile) / ø16mm TYPE
FEATURES
• These high reliability electromagnetic buzzers are applicable to
automobile equipment.
• Pin type terminal construction enables direct mounting onto
printed circuit boards.
APPLICATIONS
Various alarms of automobile equipment.
FREQUENCY CHARACTERISTICS
Around 2000Hz
SHAPES AND DIMENSIONS
SPECIFICATIONS
• Please ask us for details which is designed an another operating rated
frequency.
• Products with 5mm terminal pitch are also available.
Part No.: SD1614TT-A5M
100
90
80
70
60
1000
2000
3000
Frequency(Hz)
Part No.
SD1614T5-B1 SD1614TT-B1
Rated voltage Eo-p(V)
5
12
Operating voltage Eo-p(V)
3 to 6
6 to 15
Drive conditions: Rated voltage, square wave form [duty 50%]
Drive frequency(Hz)
2048
2048
Sound pressure(dB(A)/10cm)min.
85
85
Current Io-p(mA)max.
80
100
DC resistance(
Ω)typ.
70
120
Terminal construction
Pin terminal
Pin terminal
Operating temperature range
–10 to +70°C
Storage temperature range
–20 to +80°C
Sound release
hole
3.2
0.5
5.5
14
+ Positive
mark
•The longer pin is the + side.
Weight: 4g
Dimensions in mm
100
90
80
70
60
1000
2000
3000
Frequency(Hz)
Part No.
SD1614TT-B3M
Rated voltage Eo-p(V)
12
Operating voltage Eo-p(V)
6 to 15
Drive conditions: Rated voltage, square wave form [duty 50%]
Drive frequency(Hz)
2048
Sound pressure(dB(A)/10cm)min.
85
Current Io-p(mA)max.
100
DC resistance(
Ω)typ.
120
Terminal construction
Pin terminal
Operating temperature range
–40 to +85°C
Storage temperature range
–40 to +85°C
Sound release
hole
3.8
0.5
3.8
14
+ Positive
mark
•The longer pin is the + side.
Weight: 4g
Dimensions in mm


Numéro de pièce similaire - SD1614T5-B1

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SD161 ETC1-SD161 Datasheet
4Mb / 13P
   SEGA PADDLE CONTROLLER WITH TURBO FUNCTION
logo
Dc Components
SD16100D DCCOM-SD16100D Datasheet
291Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE RANGE - 20 to 100 Volts
More results

Description similaire - SD1614T5-B1

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
SDR08540M3-01 TDK-SDR08540M3-01 Datasheet
59Kb / 4P
   Electromagnetic Buzzers
PS1240P02BT TDK-PS1240P02BT Datasheet
128Kb / 7P
   Piezoelectronic Buzzers
PS1420P02AT TDK-PS1420P02AT Datasheet
163Kb / 8P
   Piezoelectronic Buzzers
logo
Murata Manufacturing Co...
PKLCS1212E2000-R1 MURATA-PKLCS1212E2000-R1_17 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPH2002 MURATA-PKM22EPH2002_17 Datasheet
220Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH2002-B0 MURATA-PKM22EPPH2002-B0_17 Datasheet
217Kb / 3P
   Piezoelectric Sounders / Buzzers
logo
Dubilier
HJ50-110V-P DUBILIER-HJ50-110V-P Datasheet
60Kb / 1P
   SOUNDERS MECHANICAL BUZZERS
logo
Murata Manufacturing Co...
PKLCS1212E2400-R1 MURATA-PKLCS1212E2400-R1 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH4002-B0 MURATA-PKM22EPPH4002-B0_17 Datasheet
218Kb / 3P
   Piezoelectric Sounders / Buzzers
PKLCS1212E4001-R1 MURATA-PKLCS1212E4001-R1 Datasheet
211Kb / 3P
   Piezoelectric Sounders / Buzzers
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com