Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54319RTER Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54319RTER
Description  2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54319RTER Fiches technique(HTML) 4 Page - Texas Instruments

  TPS54319RTER Datasheet HTML 1Page - Texas Instruments TPS54319RTER Datasheet HTML 2Page - Texas Instruments TPS54319RTER Datasheet HTML 3Page - Texas Instruments TPS54319RTER Datasheet HTML 4Page - Texas Instruments TPS54319RTER Datasheet HTML 5Page - Texas Instruments TPS54319RTER Datasheet HTML 6Page - Texas Instruments TPS54319RTER Datasheet HTML 7Page - Texas Instruments TPS54319RTER Datasheet HTML 8Page - Texas Instruments TPS54319RTER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
TPS54319
SLVSA83 – JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
TJ = –40°C to 150°C, VIN = 2.95 to 6 V (unless otherwise noted)
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
Operating input voltage
2.95
6
V
Internal under voltage lockout threshold
2.6
2.8
V
Shutdown supply current
EN = 0 V, 25°C, 2.95 V
≤ VIN ≤ 6 V
2
5
mA
Quiescent Current - Iq
VSENSE = 0.9 V, VIN = 5 V, 25°C, RT = 400 k
360
575
mA
ENABLE AND UVLO (EN PIN)
Enable threshold
Rising
1.25
V
Falling
1.18
Enable threshold + 50 mV
–4.6
Input current
mA
Enable threshold – 50 mV
–1.2
VOLTAGE REFERENCE (VSENSE PIN)
Voltage Reference
2.95 V
≤ VIN ≤ 6 V, 0°C <TJ < 85°C
0.802
0.827
0.852
V
MOSFET
BOOT-PH= 5 V
45
81
High side switch resistance
m
BOOT-PH= 2.95 V
64
110
VIN= 5 V
42
81
Low side switch resistance
m
VIN= 2.95 V
59
110
ERROR AMPLIFIER
Input current
7
nA
Error amplifier transconductance (gm)
–2 mA < I(COMP) < 2 mA, V(COMP) = 1 V
245
mmhos
Error amplifier transconductance (gm) during
–2 mA < I(COMP) < 2 mA, V(COMP) = 1 V,
79
mmhos
slow start
Vsense = 0.4 V
Error amplifier source/sink
V(COMP) = 1 V, 100 mV overdrive
+20
mA
–20
COMP to Iswitch gm
18
A/V
CURRENT LIMIT
Current limit threshold
3V
4.2
6.6
A
THERMAL SHUTDOWN
Thermal Shutdown
165
°C
Hysteresis
15
°C
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
Switching frequency range using RT mode
300
2000
kHz
Switching frequency
Rt = 400 k
400
500
600
kHz
Switching frequency range using CLK mode
300
2000
kHz
Minimum CLK pulse width
75
ns
RT/CLK voltage
R(RT/CLK)= 400k
0.5
V
RT/CLK high threshold
1.6
2.2
V
RT/CLK low threshold
0.4
0.6
V
RT/CLK falling edge to PH rising edge delay
Measure at 500 kHz with RT resistor in series
90
ns
PLL lock in time
Measure at 500 kHz
14
ms
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS54319


Numéro de pièce similaire - TPS54319RTER

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54319RTER TI-TPS54319RTER Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results

Description similaire - TPS54319RTER

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_1 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54318 TI-TPS54318_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54318 2.95-V to 6-V Input, 3-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418A TI1-TPS54418A Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com