Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A8018 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS7A8018
Description  Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS7A8018 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS7A8018 Datasheet HTML 2Page - Texas Instruments TPS7A8018 Datasheet HTML 3Page - Texas Instruments TPS7A8018 Datasheet HTML 4Page - Texas Instruments TPS7A8018 Datasheet HTML 5Page - Texas Instruments TPS7A8018 Datasheet HTML 6Page - Texas Instruments TPS7A8018 Datasheet HTML 7Page - Texas Instruments TPS7A8018 Datasheet HTML 8Page - Texas Instruments TPS7A8018 Datasheet HTML 9Page - Texas Instruments TPS7A8018 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
IN
NR
IN
EN
6
7
8
5
4
OUT
OUT
FB/SNS
GND
1
2
3
TPS7A80xx
SBVS135A – JUNE 2010 – REVISED JUNE 2010
www.ti.com
PIN CONFIGURATION
DRB PACKAGE
3mm x 3mm SON-8
(TOP VIEW)
Table 1. PIN DESCRIPTIONS
NAME
PIN NO.
DESCRIPTION
IN
7, 8
Unregulated input supply.
GND
4, pad
Ground.
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the regulator into shutdown
EN
5
mode. Refer to Shutdown in the Application Information section for more details. EN must not be left floating
and can be connected to IN if not used.
Connect an external capacitor between this pin and ground to reduce output noise to very low levels. Also,
NR
6
the capacitor slows down the VOUT ramp (RC softstart).
Adjustable voltage version only. This pin is the input to the control loop error amplifier and is used to set
FB
3
the output voltage of the device.
Fixed voltage versions only. This pin is the input to the control loop error amplifier and is used to set the
SNS
3
output voltage of the device. This pin is to be shorted to OUT at load devices.
OUT
1, 2
Regulator output. A 4.7mF or larger capacitor of any type is required for stability.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Numéro de pièce similaire - TPS7A8018

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A8018DRBR TI1-TPS7A8018DRBR Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8018DRBT TI1-TPS7A8018DRBT Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
More results

Description similaire - TPS7A8018

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS7A8001 TI1-TPS7A8001_13 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
TPS7A8001 TI-TPS7A8001_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS7A8001 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Texas Instruments
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com