Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A8001 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPS7A8001
Description  Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS7A8001 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS7A8001 Datasheet HTML 1Page - Texas Instruments TPS7A8001 Datasheet HTML 2Page - Texas Instruments TPS7A8001 Datasheet HTML 3Page - Texas Instruments TPS7A8001 Datasheet HTML 4Page - Texas Instruments TPS7A8001 Datasheet HTML 5Page - Texas Instruments TPS7A8001 Datasheet HTML 6Page - Texas Instruments TPS7A8001 Datasheet HTML 7Page - Texas Instruments TPS7A8001 Datasheet HTML 8Page - Texas Instruments TPS7A8001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
IN
NR
IN
EN
6
7
8
5
4
OUT
OUT
FB/SNS
GND
DRBPACKAGE
3mmx3mmSON
(TOPVIEW)
1
2
3
TYPICALPOWER-SUPPLYRIPPLEREJECTION
TPS7A8001
GND
EN
FB
IN
OUT
V
IN
V
OUT
4.7 F
m
Ceramic
V
EN
R
1
R
2
Optional1.0 Finputcapacitor.
Mayimprovesourceimpedance,
noise,orPSRR.
m
NR
Toavoidinrushcurrent,
itisrecommendedto
alwaysconnecta
1nFto10nFcapacitor
90
80
70
60
50
40
30
20
10
10
100
1k
10k
100k
1M
Frequency(Hz)
10M
I
=10mA
OUT
I
=100mA
OUT
I
=750mA
OUT
I
=1A
OUT
V
=1.0V
DO
NoC
IN
TypicalApplicationCircuitforFixedVoltageVersions
TPS7A80xx
www.ti.com
SBVS135A – JUNE 2010 – REVISED JUNE 2010
Low-Noise, High-Bandwidth PSRR,
Low-Dropout 1A Linear Regulator
Check for Samples: TPS7A80xx
1
FEATURES
DESCRIPTION
2
Low-Dropout 1A Regulator with Enable
The
TPS7A80xx
family
of
low-dropout
linear
regulators (LDOs) offer very high power-supply ripple
Available in Multiple Output Versions:
rejection (PSRR) at the output. This series of LDOs
Fixed Output Voltages: 0.8V to 5.0V Using
uses
an
advanced
BiCMOS
process
and
a
Innovative Factory EEPROM Programming
PMOSFET pass device to achieve very low noise,
Adjustable Output Voltages: 0.8V to 6.0V
excellent transient response, and excellent PSRR
performance.
Ultra-High PSRR:
63dB at 1kHz
The TPS7A80xx is stable with a 4.7mF ceramic output
capacitor, and uses a precision voltage reference and
57dB at 100kHz
feedback loop to achieve a worst-case accuracy of
38dB at 1MHz
3% over all load, line, process, and temperature
Low Noise: 15.6 × VOUT mVRMS typical (100Hz to
variations.
100kHz)
This device is fully specified over the temperature
Stable with a 4.7mF Ceramic Capacitor
range of TJ = –40°C to +125°C and is offered in a
Excellent Load/Line Transient Response
3mm × 3mm, SON-8 package with a thermal pad.
3% Overall Accuracy (over Load/Line/Temp)
Over-Current and Over-Temperature
Protection
Very Low Dropout: 170mV Typical at 1A
3mm × 3mm SON-8 DRB Package
APPLICATIONS
Telecom Infrastructure
Audio
High-Speed I/F (PLL/VCO)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS7A8001

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A8001DRBR TI-TPS7A8001DRBR Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS7A8001DRBR TI1-TPS7A8001DRBR Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8001DRBT TI-TPS7A8001DRBT Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS7A8001DRBT TI1-TPS7A8001DRBT Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8001 TI1-TPS7A8001_13 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
More results

Description similaire - TPS7A8001

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS7A8001 TI1-TPS7A8001_13 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
TPS7A8001 TI-TPS7A8001_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS7A8001 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Texas Instruments
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com