Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS5420-EP Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS5420-EP
Description  2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS5420-EP Fiches technique(HTML) 3 Page - Texas Instruments

  TPS5420-EP Datasheet HTML 1Page - Texas Instruments TPS5420-EP Datasheet HTML 2Page - Texas Instruments TPS5420-EP Datasheet HTML 3Page - Texas Instruments TPS5420-EP Datasheet HTML 4Page - Texas Instruments TPS5420-EP Datasheet HTML 5Page - Texas Instruments TPS5420-EP Datasheet HTML 6Page - Texas Instruments TPS5420-EP Datasheet HTML 7Page - Texas Instruments TPS5420-EP Datasheet HTML 8Page - Texas Instruments TPS5420-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
Dissipation Ratings
(1) (2)
Recommended Operating Conditions
Electrical Characteristics
TPS5420-EP
SLVS717 – DECEMBER 2006
THERMAL IMPEDANCE
PACKAGE
JUNCTION-TO-AMBIENT
8-pin D (3)
75
°C/W
(1)
Maximum power dissipation may be limited by overcurrent protection.
(2)
Power rating at a specific ambient temperature TA should be determined with a junction temperature of 125°C. This is the point where
distortion starts to substantially increase. Thermal management of the final PCB should strive to keep the junction temperature at or
below 125
°C for best performance and long-term reliability. See Thermal Calculations in applications section of this data sheet for more
information.
(3)
Test board conditions:
a.
3 in
× 3 in, two layers, thickness: 0.062 in
b.
2-oz copper traces located on the top and bottom of the PCB
MIN
MAX
UNIT
VI
Input voltage range, VIN
5.5
35
V
TJ
Operating junction temperature
–55
125
°C
T
J = –55°C to 125°C, VIN = 5.5 V to 35 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage (VIN Pin)
VSENSE = 2 V, Not switching, PH pin open
3
4.4
mA
IQ
Quiescent current
Shutdown, ENA = 0 V
18
50
µA
Undervoltage Lockout (UVLO)
Start threshold voltage, UVLO
5.3
5.5
V
Hysteresis voltage, UVLO
330
mV
Voltage Reference
TJ = 25°C
1.202
1.221
1.239
Voltage reference accuracy
V
IO = 0 A – 2 A
1.196
1.221
1.245
Oscillator
TJ = 25°C
400
500
600
kHz
Internally set free-running frequency
TJ = -55°C to 125°C
375
600
kHz
Minimum controllable on time
150
200
ns
Maximum duty cycle
87%
89%
Enable (ENA Pin)
Start threshold voltage, ENA
1.3
V
Stop threshold voltage, ENA
0.5
V
Hysteresis voltage, ENA
450
mV
Internal slow-start time (0 ~ 100%)
6.6
8
10.6
ms
Current Limit
Current limit
3
4
5.2
A
Current limit hiccup time
13
16
22
ms
Thermal Shutdown
Thermal shutdown trip point
135
162
°C
Thermal shutdown hysteresis
14
°C
Output MOSFET
VIN = 5.5 V
150
rDS(on)
High-side power MOSFET switch
m
VIN = 10 V – 35 V
110
230
3
Submit Documentation Feedback


Numéro de pièce similaire - TPS5420-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5420-EP TI-TPS5420-EP Datasheet
647Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-EP TI-TPS5420-EP_15 Datasheet
743Kb / 23P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
More results

Description similaire - TPS5420-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420-Q1 TI-TPS5420-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-EP TI-TPS5420-EP Datasheet
647Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-Q1 TI1-TPS5420-Q1 Datasheet
565Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-EP TI-TPS5420-EP_15 Datasheet
743Kb / 23P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5450-EP TI1-TPS5450-EP Datasheet
890Kb / 24P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com