Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS5420-EP Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS5420-EP
Description  2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS5420-EP Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS5420-EP_09 Datasheet HTML 2Page - Texas Instruments TPS5420-EP_09 Datasheet HTML 3Page - Texas Instruments TPS5420-EP_09 Datasheet HTML 4Page - Texas Instruments TPS5420-EP_09 Datasheet HTML 5Page - Texas Instruments TPS5420-EP_09 Datasheet HTML 6Page - Texas Instruments TPS5420-EP_09 Datasheet HTML 7Page - Texas Instruments TPS5420-EP_09 Datasheet HTML 8Page - Texas Instruments TPS5420-EP_09 Datasheet HTML 9Page - Texas Instruments TPS5420-EP_09 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.ti.com
APPLICATION INFORMATION
VIN
UVLO
ENABLE
Thermal
Protection
Reference
Overcurrent
GateDrive
Oscillator
Ramp
Generator
VREF
PH
ENA
GND
SHDN
SHDN
BOOT
Z1
Z2
SHDN
SHDN
SHDN
SHDN
VIN
SHDN
HICCUP
HICCUP
SHDN
SHDN
NC
FeedForward
BOOT
NC
VIN
VOUT
5 µA
1.221VBandgap
SlowStart
Boot
Regulator
Error
Amplifier
Gain=25
PWM
Comparator
Protection
Gate
Driver
Control
VSENSE
DETAILED DESCRIPTION
Oscillator Frequency
Voltage Reference
Enable (ENA) and Internal Slow Start
TPS5420-EP
SLVS717 – DECEMBER 2006
FUNCTIONAL BLOCK DIAGRAM
The internal free-running oscillator sets the PWM switching frequency at 500 kHz. The 500-kHz switching
frequency allows less output inductance for the same output ripple requirement, resulting in a smaller output
inductor.
The voltage reference system produces a precision reference signal by scaling the output of a
temperature-stable bandgap circuit. The bandgap and scaling circuits are trimmed during production testing to
an output of 1.221 V at room temperature.
The ENA pin provides electrical on/off control of the regulator. Once the ENA pin voltage exceeds the threshold
voltage, the regulator starts operation and the internal slow start begins to ramp. If the ENA pin voltage is pulled
below the threshold voltage the regulator stops switching and the internal slow start resets. Connecting the pin
to ground or to any voltage less than 0.5 V disables the regulator and activates the shutdown mode. The
quiescent current of the TPS5420 in shutdown mode is typically 18
µA.
The ENA pin has an internal pullup current source, allowing the user to float the ENA pin. If an application
requires controlling the ENA pin, use open-drain or open-collector output logic to interface with the pin. To limit
the start-up inrush current, an internal slow start circuit is used to ramp up the reference voltage from 0 V to its
final value, linearly. The internal slow start time is 8 ms, typically.
6
Submit Documentation Feedback


Numéro de pièce similaire - TPS5420-EP_09

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5420-EP TI-TPS5420-EP_15 Datasheet
743Kb / 23P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
More results

Description similaire - TPS5420-EP_09

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420-Q1 TI-TPS5420-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-EP TI-TPS5420-EP Datasheet
647Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-Q1 TI1-TPS5420-Q1 Datasheet
565Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-EP TI-TPS5420-EP_15 Datasheet
743Kb / 23P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5450-EP TI1-TPS5450-EP Datasheet
890Kb / 24P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com