Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2817-EP Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPS2817-EP
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2817-EP Fiches technique(HTML) 4 Page - Texas Instruments

  TPS2817-EP Datasheet HTML 1Page - Texas Instruments TPS2817-EP Datasheet HTML 2Page - Texas Instruments TPS2817-EP Datasheet HTML 3Page - Texas Instruments TPS2817-EP Datasheet HTML 4Page - Texas Instruments TPS2817-EP Datasheet HTML 5Page - Texas Instruments TPS2817-EP Datasheet HTML 6Page - Texas Instruments TPS2817-EP Datasheet HTML 7Page - Texas Instruments TPS2817-EP Datasheet HTML 8Page - Texas Instruments TPS2817-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
TPS28xxY Chip Information
39
39
TPS2816Y
(4)
(2)
(3)
(5)
(1)
OUT
GND
IN
VCC
VDD†
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJ max = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
(4)
(2)
(3)
(1)
(5)
TPS2816 through TPS2819 only
TPS2816-EP, TPS2817-EP, TPS2818-EP
TPS2819-EP, TPS2828-EP, TPS2829-EP
SGDS039 – FEBRUARY 2008
This chip, when properly assembled, displays characteristics similar to those of the TPS28xx. Thermal
compression or ultrasonic bonding may be used on the doped aluminum bonding pads. The chip may be
mounted with conductive epoxy or a gold-silicon preform.
TERMINAL FUNCTIONS
TPS2816, TPS2818, TPS2828 (Inverting Driver)
TERMINAL
DESCRIPTION
NAME
NO.
VDD
1
Regulator supply voltage input. (Not connected on TPS2828)
GND
2
Ground
IN
3
Driver input.
OUT
4
Driver output, OUT = IN
VCC
5
Driver supply voltage/regulator output voltage
TERMINAL FUNCTIONS
TPS2817, TPS2819, TPS2829 (Noninverting Driver)
TERMINAL
DESCRIPTION
NAME
NO.
VDD
1
Regulator supply voltage input. (Not connected on TPS2829)
GND
2
Ground
IN
3
Driver input.
OUT
4
Driver output, OUT = IN
VCC
5
Driver supply voltage/regulator output voltage
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2816-EP TPS2817-EP TPS2818-EP TPS2819-EP TPS2828-EP TPS2829-EP


Numéro de pièce similaire - TPS2817-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2817-EP TI-TPS2817-EP Datasheet
576Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2817-EP TI1-TPS2817-EP Datasheet
456Kb / 25P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
More results

Description similaire - TPS2817-EP

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
US2829 UTC-US2829 Datasheet
154Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
US2829 UTC-US2829_15 Datasheet
146Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816 TI-TPS2816 Datasheet
371Kb / 20P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2816-EP TI1-TPS2816-EP_15 Datasheet
456Kb / 25P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2816-EP TI-TPS2816-EP Datasheet
576Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Unisonic Technologies
US2829 UTC-US2829_11 Datasheet
146Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
   High Speed, Single Channel, Power MOSFET Driver
logo
Linear Technology
LTC1693-5 LINER-LTC1693-5 Datasheet
150Kb / 8P
   High Speed Single P-Channel MOSFET Driver
LTC1693-5 LINER-LTC1693-5_15 Datasheet
161Kb / 8P
   High Speed Single P-Channel MOSFET Driver
logo
Intersil Corporation
EL7104 INTERSIL-EL7104_06 Datasheet
190Kb / 7P
   High Speed, Single Channel, Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com