Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UGP15A Fiches technique(PDF) 1 Page - Zowie Technology Corporation

No de pièce UGP15A
Description  SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZOWIE [Zowie Technology Corporation]
Site Internet  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

UGP15A Fiches technique(HTML) 1 Page - Zowie Technology Corporation

  UGP15A Datasheet HTML 1Page - Zowie Technology Corporation UGP15A Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PATEN
TED
UGP15A THRU UGP15K
SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
Reverse Voltage - 50 to 800 Volts
Forward Current - 1.5 Amperes
FEATURES
MECHANICAL DATA
* GPRC (Glass Passivated Rectifier Chip) inside
* Glass passivated cavity-free junction
* Ultrafast recovery time for high efficiency
* Low forward voltage , high current capability
* Low leakage current
* High surge current capability
* High temperature soldering guaranteed: 260
o
C/10 seconds,
0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Case : JEDEC DO-204AC molded plastic over glass body
Terminals : Plated axial leads , solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Mounting Position : Any
Weight : 0.015 ounes , 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length (SEE FIG.1)
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.5 A
Maximum DC reverse current
at rated DC blocking voltage
TA=25
o
C
TA=125
o
C
Maximum reverse recovery time (NOTE 1)
Typical junction capacitance (NOTE 2)
Typical thermal resistance (NOTE 3)
Operating junction and storage temperature range
SYMBOLS
VRRM
I (AV)
IFSM
VF
IR
trr
CJ
R JA
TJ,TSTG
UGP15
B
D
F
G
J
K
100
200
300
400
600
800
1.5
50
45
0.95
1.25
1.7
2.2
5
80
35
20
40
-55 to +150
UNITS
Volts
Maximum RMS voltage
VRMS
70
140
210
280
420
560
Volts
Maximum DC blocking voltage
VDC
100
A
50
35
50
200
300
400
600
800
Volts
Volts
Amps
Amps
uA
nS
pF
o
C / W
o
C
NOTES : (1) Reverse recovery test condition : IF 0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead lengths, P.C.B. mounted.
Zowie Technology Corporation
REV. : 0
DO-204AC
*Dimensions in inches and (millimeters)
PATEN
TED
PATEN
TED
0.140(3.6)
0.034(0.86)
0.028(0.71)
0.104(2.6)
DIA.
DIA.
TM


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn