Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD3811K1 Fiches technique(PDF) 1 Page - Rohm

No de pièce BD3811K1
Description  5.1ch Sound Processor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD3811K1 Fiches technique(HTML) 1 Page - Rohm

  BD3811K1 Datasheet HTML 1Page - Rohm BD3811K1 Datasheet HTML 2Page - Rohm BD3811K1 Datasheet HTML 3Page - Rohm BD3811K1 Datasheet HTML 4Page - Rohm BD3811K1 Datasheet HTML 5Page - Rohm BD3811K1 Datasheet HTML 6Page - Rohm BD3811K1 Datasheet HTML 7Page - Rohm BD3811K1 Datasheet HTML 8Page - Rohm BD3811K1 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Sound Processors for Home Theater Systems
5.1ch
Sound Processor
BD3811K1,BD3818KS
Description
BD3811K1 and BD3818KS are 5.1ch sound processors, with built-in Mode Selector/Input Selector. Functions, including
6-ch Volume, Gain Amp, Bass, Treble, Mixing (BD3818KS), Dynamic Bass Boost (BD3818KS) and Bass Boost (BD3811K1)
are integrated into a single chip.
Features
1) Independent 6 channels for Master Volume (0 to -103dB, 1dB/Step, MUTE, BD3811K1)
(0 to -95dB 1dB/Step, MUTE, BD3818KS)
Implementation of a resistance ladder type circuit reduces residual noise and a shock sound at switching.
2) Low current consumption design achieved by adopting the BiCMOS process
3) Maximum output voltage (BD3818KS): 4.3Vrms (Vcc=7V, VEE=-7V, RL=10kΩ)
Maximum output voltage (BD3811K1): 4.2Vrms (Vcc=7V, VEE=-7V, RL=10kΩ)
4) Built-in Input Gain Amp useful for adjusting the output signal voltages
5) Built-in Operational Amplifier useful for filter construction (BD3818KS)
6) Built-in Dynamic Bass Boost circuit (BD3818KS)
7) 2-wire serial control (BD3818KS for 5V, BD3811K1 for both 3.3V and 5V)
8) Built-in Output Gain Amp useful for adjusting the output signal voltages (BD3811K1)
9) REC output terminal with a REC input/output switch useful for monitoring Equalizer Amp (BD3811K1)
10) Output mute controlled by either serial data or an external control terminal
Applications
AV receivers, home theater systems and mini-audio systems.
Line up matrix
Parameter
BD3811K1
BD3818KS
Input Selector
8 inputs
5 inputs
Input Gain
2Step
4 Step or 2 Step
Volume
0 to -103dB 1dB/Step
0 to -95dB 1dB/Step
Bass, Treble
14dB 2dB/Step
14dB 2dB/Step
Output Gain
0, 6 to 18dB 2dB/Step
Variable depending on the external resistance
Mixing
No
Yes
Bass Boost
0 to 12dB, 4dB/Step
0 to 12dB, 4dB/Step
Dynamic type
Package
QFP80
SQFP80
No.10081EAT02


Numéro de pièce similaire - BD3811K1

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3811K1 ROHM-BD3811K1 Datasheet
216Kb / 6P
   6ch Volume with 8ch input selector
More results

Description similaire - BD3811K1

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3813KS ROHM-BD3813KS_1 Datasheet
439Kb / 18P
   5.1ch Sound Processors
logo
New Japan Radio
NJW1149 NJRC-NJW1149 Datasheet
313Kb / 26P
   Audio Processor with Sound Enhancement and TruSurround 5.1ch Virtualizer
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
New Japan Radio
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132 NJRC-NJW1132 Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
   TV-SOUND PROCESSOR
logo
List of Unclassifed Man...
YSF224B ETC-YSF224B Datasheet
472Kb / 8P
   SOUND ANALYSIS PROCESSOR
logo
Rohm
BH3874AKS2 ROHM-BH3874AKS2 Datasheet
261Kb / 25P
   Sound processor IC
logo
Agamem Microelectronic ...
AA8335 AGAMEM-AA8335 Datasheet
230Kb / 8P
   SOUND EFFECT PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18