Moteur de recherche de fiches techniques de composants électroniques |
|
BA5962FVM Fiches technique(PDF) 4 Page - Rohm |
|
BA5962FVM Fiches technique(HTML) 4 Page - Rohm |
4 / 6 page 4/5 REV. A CAUTIONS ON USE (1) Setting the Standby terminal (pin 1) to 0.5V or less allows the circuit to enter the standby mode. Under conditions of normal use, the pin 1 should be pulled-up to 2.0V or above. (2) When Vcc (pin 8) has dropped to 2.5V (typ.) or less, the output current will be muted and, when recovering to 2.7V (typ.), the driver part circuit will be initiated. (3) When the voltage applied on the Bias terminal (pin 2) has dropped to 0.7V (typ.) or less, the mute function will be activated. Under conditions of normal use, it should be set to 1.0V or above. (4) Thermal shutdown power supply voltage drop, or bias terminal voltage drop will activate the mute function for all drivers, where only the driver part can be muted. (5) Connecting a capacitive load to the OP-AMP output results in a phase margin reduction of the amp and may cause an oscillation or a peak. When connecting a capacitive load, a resistance must be inserted in series between the output and the capacitive load. And after careful consideration of the frequency characteristics, the device should be used within the range where no problem is found in actual use. (6) Short-circuits between output pin-VCC, output pin-GND, or output terminals (load short) must be avoided. Make sure that the ICs are installed on the board in proper directions. Mounting the ICs in improper directions may damage them or produce smoke. (7) About absolute maximum ratings Exceeding the absolute maximum ratings, such as the applied voltage or the operating temperature range, may cause permanent device damage. As these cases cannot be limited to the broken short mode or the open mode, if a special mode where the absolute maximum ratings may be exceeded is assumed, it is recommended to take mechanical safety measures such as attaching fuses. (8) About power supply lines As a measure against the back current regenerated by a counter electromotive force of the motor, a capacitor to be used as a regenerated-current path can be installed between the power supply and GND and its capacitance value should be determined after careful check that any problems, for example, a leak capacitance of the electrolytic capacitor at low temperature, are not found in various characteristics. (9) About GND potential The electric potential of the GND terminal must be kept lowest in the circuitry at any operation states. (10) About thermal design With consideration of the power dissipation (Pd) under conditions of actual use, a thermal design provided with an enough margin should be done. (11) About operations in a strong electric field When used in a strong electric field, note that a malfunction may occur. (12) ASO When using this IC, the output Tr must be set not to exceed the values specified in the absolute maximum ratings and ASO. (13) Thermal shutdown circuit This IC incorporates a thermal shutdown circuit (TSD circuit). When the chip temperature reaches the value shown below, the coil output to the motor will be set to open. The thermal shutdown circuit is designed only to shut off the IC from a thermal runaway and not intended to protect or guarantee the entire IC functions. Therefore, users cannot assume that the TSD circuit once activated can be used continuously in the subsequent operations. TSD ON Temperature [ °C] (typ.) Hysteresis Temperature [ °C] (typ.) 160 25 (14) About earth wiring patterns When a small signal GND and a large current GND are provided, it is recommended that the large current GND pattern and the small signal GND pattern should be separated and grounded at a single point of the reference point of the set in order to prevent the voltage of the small signal GND from being affected by a voltage change caused by the resistance of the pattern wiring and the large current. Make sure that the GND wiring patterns of the external components will not change, too. |
Numéro de pièce similaire - BA5962FVM_2 |
|
Description similaire - BA5962FVM_2 |