Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA5955FP Fiches technique(PDF) 4 Page - Rohm

No de pièce BA5955FP
Description  Power Driver for DVD-RAMs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA5955FP Fiches technique(HTML) 4 Page - Rohm

  BA5955FP_1 Datasheet HTML 1Page - Rohm BA5955FP_1 Datasheet HTML 2Page - Rohm BA5955FP_1 Datasheet HTML 3Page - Rohm BA5955FP_1 Datasheet HTML 4Page - Rohm BA5955FP_1 Datasheet HTML 5Page - Rohm BA5955FP_1 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/5
REV. A
CAUTIONS ON USE
(1)
The BA5955FP incorporates a TSD circuit (overheat protection circuit) and a reset circuit.
When the
chip temperature has reached 175℃ (typ.), the output current will be muted while the reset output will
become ‘L’ and, when the chip temperature has dropped to 150℃ (typ.), the mute function will be reset
while the reset output will be ‘H.’
The reset output also becomes ‘L’ in the standby state.
(2)
When the power supply voltage (PreVcc) has dropped to 3.8V (typ.) or less, the output current will be
muted while the reset output will become ‘L’ and, when PreVcc has recovered to 4.0V (typ.), the driver
part circuit will be initiated to set the reset output to ‘H.’
(3)
When the reference input (Vc) voltage has dropped to 0.8V (typ.) or less, the output current will be
muted while the reset output will become ‘L.’
Under conditions of normal use, it should be 1.2V (typ.) or above.
(4)
Thermal shutdown or a drop of reference voltage or power supply voltage will activate the mute
function, where only the driver part can be muted.
While muting, the voltage at the output terminal will
equal to the internal reference voltage (approximately PowVcc/2).
(5)
Connecting a capacitive load to the OP-AMP output results in a phase margin reduction of the amp and
may cause an oscillation or a peak.
When connecting a capacitive load, a resistance must be
inserted in series between the output and the capacitive load.
And after careful consideration of the
frequency characteristics, the device should be used within the range where no problem is found in
actual use.
(6)
A radiating fin must be connected to the external GND.
(7)
Short-circuits between output pin-VCC, output pin-GND, or output terminals (load short) must be
avoided.
Mounting the ICs in improper directions may damage them or produce smoke.
(8)
About absolute maximum ratings
Exceeding the absolute maximum ratings, such as the applied voltage or the operating temperature
range, may cause permanent device damage.
As these cases cannot be limited to the broken short
mode or the open mode, if a special mode where the absolute maximum ratings may be exceeded is
assumed, it is recommended to take mechanical safety measures such as attaching fuses.
(9)
About power supply lines
As a measure against the back current regenerated by a counter electromotive force of the motor, a
capacitor to be used as a regenerated-current path can be installed between the power supply and
GND and its capacitance value should be determined after careful check that any problems, for
example, a leak capacitance of the electrolytic capacitor at low temperature, are not found in various
characteristics.
(10) About GND potential
The electric potential of the GND terminal must be kept lowest in the circuitry at any operation states.
(11) About thermal design
With consideration of the power dissipation (Pd) under conditions of actual use, a thermal design
provided with an enough margin should be done.
(12) About operations in a strong electric field
When used in a strong electric field, note that a malfunction may occur.
(13) ASO
When using this IC, the output Tr must be set not to exceed the values specified in the absolute
maximum ratings and ASO.
(14) Thermal shutdown circuit
This IC incorporates a thermal shutdown circuit (TSD circuit).
When the chip temperature reaches the
value shown below, the coil output to the motor will be set to open.
The thermal shutdown circuit is designed only to shut off the IC from a thermal runaway and not
intended to protect or guarantee the entire IC functions.
Therefore, users cannot assume that the TSD circuit once activated can be used continuously in the
subsequent operations.
TSD ON Temperature
[
°C] (typ.)
Hysteresis Temperature
[
°C] (typ.)
175
25


Numéro de pièce similaire - BA5955FP_1

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA5955FP ROHM-BA5955FP Datasheet
315Kb / 7P
   Power Driver for DVD-RAMs
More results

Description similaire - BA5955FP_1

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA5955FP ROHM-BA5955FP Datasheet
315Kb / 7P
   Power Driver for DVD-RAMs
BA5956FM ROHM-BA5956FM Datasheet
335Kb / 7P
   Power Driver For DVD Players
BA5956FM ROHM-BA5956FM_1 Datasheet
147Kb / 6P
   Power Driver For DVD Players
BD8201FM ROHM-BD8201FM Datasheet
512Kb / 6P
   Power Driver For CD/DVD Players
BD7771EFS ROHM-BD7771EFS Datasheet
173Kb / 5P
   7ch Power Driver for DVD(RW, RAM)
BA5954FM ROHM-BA5954FM_1 Datasheet
102Kb / 6P
   BLT Driver For DVD-ROM
BA5983FP ROHM-BA5983FP_1 Datasheet
470Kb / 7P
   BTL Driver For DVD-ROM
BD7956FS ROHM-BD7956FS Datasheet
246Kb / 5P
   7ch Power Driver for CD-ROM, DVD-ROM
BD7904FS ROHM-BD7904FS Datasheet
202Kb / 18P
   5ch Power Driver for CD-ROM, DVD-ROM
BD7903FS ROHM-BD7903FS Datasheet
199Kb / 16P
   5CH Power Driver for CD-ROM, DVD-ROM
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com