Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA5406 Fiches technique(PDF) 7 Page - Rohm

No de pièce BA5406
Description  5W5W Stereo Speaker Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA5406 Fiches technique(HTML) 7 Page - Rohm

Back Button BA5406_10 Datasheet HTML 3Page - Rohm BA5406_10 Datasheet HTML 4Page - Rohm BA5406_10 Datasheet HTML 5Page - Rohm BA5406_10 Datasheet HTML 6Page - Rohm BA5406_10 Datasheet HTML 7Page - Rohm BA5406_10 Datasheet HTML 8Page - Rohm BA5406_10 Datasheet HTML 9Page - Rohm BA5406_10 Datasheet HTML 10Page - Rohm BA5406_10 Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Technical Note
7/10
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BA5406,BA5417
BA5417
OTL mode
BA5417
Fig.24 Ripple rejection vs. Frequency
BA5417
Fig.23 Crosstalk vs. Frequency
BA5417
Fig.27 Thermal derating curve
0
10
20
30
40
50
60
10
100
1000
10000
100000
FREQUENCY : f (Hz)
BA5417
CNF=100µF
CNF=47µF
CNF=22
T=Normal
Vcc=9V
RL=6Ω
Filter
~10k
DIN AUDIO
10k~
WIDE BAND
OTL=(Stereo)
10
100
1K
10K
100K
Fig.30 Closed loop gain
vs. Frequency
BA5417
Input both channels
Fig.20 Rated output power
vs Supply voltage
BA5417
0
0.1
0.2
0.3
0.4
0
5
10
15
20
SUPPLY VOLTAGE : Vcc(V)
Rg=10kΩ
DIN AUDIO
Fig.22 Output noise voltage
vs Supply voltage
BA5417
Fig.25 Quiescent, standby pin input current
vs. Supply voltage
(Standby pin supply current)
BA5417
Fig.28 Power dissipation, circuit current
vs. Supply Voltage(RL=4Ω)
Drive both
channels
BA5417
Fig.29 Power dissipation, circuit current
vs. Supply Voltage(RL=8Ω)
Drive both
channels
BA5417
Fig.26 Maximum power dissipation
vs. Supply voltage
Stereo (OTL)
0.01
0.1
1
10
100
0.01
0.1
1
10
OUTPUT POWER : Po (W)
BA5417
Vcc=9V
RL=3Ω
Input both channels
f=100Hz DIN AUDIO
1k
DIN AUDIO
10k
200-80k BPF
Fig.21 Total harmonic distortion
vs Output power
10k
1k
100


Numéro de pièce similaire - BA5406_10

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA5406 ROHM-BA5406_1 Datasheet
160Kb / 5P
   5W5W Stereo Speaker Amplifiers
More results

Description similaire - BA5406_10

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA5406 ROHM-BA5406_05 Datasheet
899Kb / 9P
   5W5W Stereo Speaker Amplifiers
BA5406 ROHM-BA5406_1 Datasheet
160Kb / 5P
   5W5W Stereo Speaker Amplifiers
BA5417 ROHM-BA5417_1 Datasheet
229Kb / 5P
   5W5W Stereo Speaker Amplifiers
BD5413EFV ROHM-BD5413EFV Datasheet
541Kb / 15P
   5W5W Class-D Speaker Amplifier for Analog Input
logo
STMicroelectronics
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
   5W5W AMPLIFIER
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
   5W5W AMPLIFIER
logo
Diodes Incorporated
PAM8406 DIODES-PAM8406 Datasheet
560Kb / 14P
   ALTERNATIVE 5W STEREO AUDIO AMPLIFIER
logo
Rohm
BA5417 ROHM-BA5417 Datasheet
697Kb / 11P
   Stereo Speaker Amplifiers
logo
STMicroelectronics
TDA7266D STMICROELECTRONICS-TDA7266D Datasheet
192Kb / 13P
   5W5W DUAL BRIDGE AMPLIFIER
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com