Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4728A Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 1N4728A
Description  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

1N4728A Fiches technique(HTML) 3 Page - NXP Semiconductors

  1N4728A Datasheet HTML 1Page - NXP Semiconductors 1N4728A Datasheet HTML 2Page - NXP Semiconductors 1N4728A Datasheet HTML 3Page - NXP Semiconductors 1N4728A Datasheet HTML 4Page - NXP Semiconductors 1N4728A Datasheet HTML 5Page - NXP Semiconductors 1N4728A Datasheet HTML 6Page - NXP Semiconductors 1N4728A Datasheet HTML 7Page - NXP Semiconductors 1N4728A Datasheet HTML 8Page - NXP Semiconductors 1N4728A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1N4728A_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 30 October 2009
3 of 10
NXP Semiconductors
1N4728A to 1N4749A
Voltage regulator diodes
6.
Thermal characteristics
7.
Characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-t)
thermal resistance from
junction to tie-point
lead length 4 mm
-
-
110
K/W
Fig 1.
Thermal resistance from junction to tie-point as a function of pulse duration;
lead length 4 mm
006aab843
10−1
110
102
103
104
105
1
10
102
103
Rth(j-t)
(K/W)
tp (ms)
0.02
0.01
0
δ = 1
0.75
0.50
0.33
0.20
0.10
0.05
Table 7.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 200 mA
-
-
1.2
V


Numéro de pièce similaire - 1N4728A

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
1N4728A MOTOROLA-1N4728A Datasheet
113Kb / 9P
   One Watt Hermetically Sealed Glass Silicon Zener Diodes
logo
Fairchild Semiconductor
1N4728A FAIRCHILD-1N4728A Datasheet
666Kb / 4P
   Zener Diodes
logo
Tak Cheong Electronics ...
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Microsemi Corporation
1N4728A MICROSEMI-1N4728A Datasheet
178Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Weitron Technology
1N4728A WEITRON-1N4728A Datasheet
2Mb / 4P
   Axial Lead Zener Diodes
More results

Description similaire - 1N4728A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com