Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

908E621 Fiches technique(PDF) 11 Page - Freescale Semiconductor, Inc

No de pièce 908E621
Description  Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E621 Fiches technique(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 908E621_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc 908E621_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc 908E621_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc 908E621_08 Datasheet HTML 10Page - Freescale Semiconductor, Inc 908E621_08 Datasheet HTML 11Page - Freescale Semiconductor, Inc 908E621_08 Datasheet HTML 12Page - Freescale Semiconductor, Inc 908E621_08 Datasheet HTML 13Page - Freescale Semiconductor, Inc 908E621_08 Datasheet HTML 14Page - Freescale Semiconductor, Inc 908E621_08 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
908E621
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
HIGH SIDE OUTPUT HS1
Switch On Resistance
TJ = 25°C, ILOAD = 1.0A
RDS(ON)-HS1
–185
225
m
Ω
Over-current Shutdown
IHSOC1
6.0
9.0
A
Over-current Shutdown blanking time(15)
tOCB
–4-8
µs
Current to Voltage Ratio(16)
VADOUT [V] / IHS [A], (measured and trimmed IHS = 2.0A)
CRRATIOHS1
0.84
1.2
1.56
V/A
High Side Switching Frequency(15)
fPWMHS
––
25
kHz
High Side Freewheeling Diode Forward Voltage
TJ = 25°C, ILOAD = 1.0A
VHSF
–0.9
V
Leakage Current
ILeakHS
–<0.2
10
µA
HIGH SIDE OUTPUTS HS2 AND HS3(17)
Switch On Resistance
TJ = 25°C, ILOAD = 1.0 A
RDS(ON)-HS23
–440
500
m
Ω
Over-current Shutdown
IHSOC23
3.6
5.6
A
Over-current Shutdown blanking time(15)
tOCB
–4-8
µs
Current to Voltage Ratio(16)
VADOUT [V] / IHS [A], (measured and trimmed IHS = 2.0A)
CRRATIOHS23
1.16
1.66
2.16
V/A
High Side Switching Frequency(15)
fPWMHS
––
25
kHz
High Side Freewheeling Diode Forward Voltage
TJ = 25°C, ILOAD = 1.0A
VHSF
–0.9
V
Leakage Current
ILeakHS
–<0.2
10
µA
Notes
15.
This parameter is guaranteed by process monitoring but is not production tested.
16.
This parameter is guaranteed only if correct trimming was applied.
17.
The high side HS3 can be only used for resistive loads.
Table 3. Static Electrical Characteristics (continued)
All characteristics are for the analog chip only. Refer to the 68HC908EY16 datasheet for characteristics of the microcontroller
chip. Characteristics noted under conditions 9.0V VSUP 16V, -40°C TJ 125°C, unless otherwise noted. Typical values noted
reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Numéro de pièce similaire - 908E621_08

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
More results

Description similaire - 908E621_08

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
908E621 FREESCALE-908E621_12 Datasheet
1Mb / 60P
   Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621_08 Datasheet
1,013Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622 Datasheet
732Kb / 63P
   Integrated Quad Half-Bridge, Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622_08 Datasheet
1Mb / 66P
   Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
908E622 FREESCALE-908E622_12 Datasheet
1Mb / 63P
   Integrated Quad Half-bridge, Triple High Side amd EC Glass Driver with Embedded MCU and LIN for High End Mirror
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
   TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com