Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS35L03-CWZR Fiches technique(PDF) 11 Page - Cirrus Logic

No de pièce CS35L03-CWZR
Description  2.9 W Mono Class-D Audio Amplifier with Low Idle Current
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L03-CWZR Fiches technique(HTML) 11 Page - Cirrus Logic

Back Button CS35L03-CWZR Datasheet HTML 7Page - Cirrus Logic CS35L03-CWZR Datasheet HTML 8Page - Cirrus Logic CS35L03-CWZR Datasheet HTML 9Page - Cirrus Logic CS35L03-CWZR Datasheet HTML 10Page - Cirrus Logic CS35L03-CWZR Datasheet HTML 11Page - Cirrus Logic CS35L03-CWZR Datasheet HTML 12Page - Cirrus Logic CS35L03-CWZR Datasheet HTML 13Page - Cirrus Logic CS35L03-CWZR Datasheet HTML 14Page - Cirrus Logic CS35L03-CWZR Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
CS35L01/03
DS909A2
11
ELECTRICAL CHARACTERISTICS - FSD MODE
Note:
11. Idle Current Draw (IIDLE) is specified without any output filtering. Refer to Section 5.3 on page 17 for
information on output filtering.
Parameters
Symbol
Test Conditions
Min
Typ
Max Units
Output Power
(Continuous Average)
PO
THD+N = 1%
RL = 8 Ω (VBATT = 5.0/4.2/3.7 VDC)
RL = 4 Ω (VBATT = 5.0/4.2/3.7 VDC)
-
-
1.31/0.92/0.71
2.21/1.55/1.17
-
-
W
W
THD+N = 10%
RL = 8 Ω (VBATT = 5.0/4.2/3.7 VDC)
RL = 4 Ω (VBATT = 5.0/4.2/3.7 VDC)
-
-
1.67/1.17/0.91
2.83/1.97/1.51
-
-
W
W
Total Harmonic Distortion + Noise THD+N PO = 1.0 W
-
0.15
-
%
Power Supply Rejection Ratio
PSRR
Vripple = 200 mVPP, AINx AC coupled to GND
@ 217 Hz
@ 1 kHz
-
-
75
75
-
-
dB
dB
Common-Mode Rejection Ratio
CMRR Vripple =1VPP, fripple =217 Hz
-55
-
dB
Signal to Noise Ratio
A-Weighted
SNRA
Inputs AC Coupled to Ground,
Referenced to 1% THD+N
(Note 12)
CS35L03
CS35L01
-
-
81
81
-
-
dB
dB
Idle Channel Noise
A-Weighted
ICNA
AIN+ connected to AIN-
CS35L03
CS35L01
-
-
300
300
-
-
μVrms
μVrms
Idle Channel Noise
ICN
AIN+ connected to AIN-
CS35L03
CS35L01
-
-
660
660
-
-
μVrms
μVrms
Frequency Response
FR
20 Hz to 20 kHz
-4.0
0
0.5
dB
Output Switching Frequency
fsw2
-
76
-
kHz
Idle Current Draw
(Note 11)
IIDLE
AIN+ connected AIN-, No Output Load
VBATT = 5 VDC
VBATT = 4.2 VDC
VBATT = 3.7 VDC
-
-
-
0.88
0.86
0.85
-
-
-
mA
mA
mA
Input Impedance, Single Ended
ZIN
CS35L03
CS35L01
-
-
160
240
-
-
k
Ω
k
Ω
Input Voltage @ 1 % THD+N
VICLIP
RL = 8 Ω (VBATT = 5.0/4.2/3.7 VDC)
CS35L03
CS35L01
-
-
0.82/0.69/0.60
1.63/1.36/1.20
-
-
Vrms
Vrms


Numéro de pièce similaire - CS35L03-CWZR

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
   2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00 CIRRUS-CS35L00 Datasheet
761Kb / 34P
   2.8 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00-CNZ CIRRUS-CS35L00-CNZ Datasheet
509Kb / 34P
   2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00-CNZ CIRRUS-CS35L00-CNZ Datasheet
761Kb / 34P
   2.8 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00-CNZR CIRRUS-CS35L00-CNZR Datasheet
509Kb / 34P
   2.7 W Mono Class-D Audio Amplifier with Low Idle Current
More results

Description similaire - CS35L03-CWZR

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00_11 Datasheet
761Kb / 34P
   2.8 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
   2.7 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Analog Devices
SSM4321 AD-SSM4321 Datasheet
459Kb / 24P
   Mono 2.9 W Class-D Audio Amplifier
logo
List of Unclassifed Man...
NAU82011WG ETC2-NAU82011WG Datasheet
563Kb / 16P
   2.9 W Mono Filter-Free Class-D Audio Amplifier
logo
Nuvoton Technology Corp...
NAU82011YG NUVOTON-NAU82011YG Datasheet
469Kb / 22P
   2.9 W Mono Filter-Free Class-D Audio Amplifier
NAU82011WG NUVOTON-NAU82011WG Datasheet
563Kb / 16P
   2.9 W Mono Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA2051D3 TI-TPA2051D3 Datasheet
1Mb / 33P
[Old version datasheet]   2.9 W/Channel Mono Class-D Audio Subsystem with DirectPath??Headphone Amplifier & SpeakerGuard?
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672 Datasheet
184Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 02-23 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com