Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA-M10L-L Fiches technique(PDF) 3 Page - Power Systems GmbH+Co.KG

No de pièce CXA-M10L-L
Description  DC-AC INVERTER UNIT 6W SINGLE & DUAL OUTPUTS, PCB MOUNTABLE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Site Internet  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CXA-M10L-L Fiches technique(HTML) 3 Page - Power Systems GmbH+Co.KG

  CXA-M10L-L Datasheet HTML 1Page - Power Systems GmbH+Co.KG CXA-M10L-L Datasheet HTML 2Page - Power Systems GmbH+Co.KG CXA-M10L-L Datasheet HTML 3Page - Power Systems GmbH+Co.KG CXA-M10L-L Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Dörnet 8 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 80
All specification are subject to change without notice.
Page ( 3 / 4 )
VER, 25 November 2003
CXA-M10L-L (6W SINGLE & DUAL OUTPUTS, PCB MOUNTABLE)
DC-AC INVERTER UNIT
(STANDARD)
APPLICATION:
Pin3 (out1)
Pin5 (out GND)
Pin1 (Vin)
Pin2 (GND)
Vin
CCFL
Connection 1
Pin4 (out2)
Pin3 (out1)
Pin5 (out GND)
Pin1 (Vin)
Pin2 (GND)
Vin
CCFL
Connection 2
Pin4 (out2)
Pin3 (out1)
Pin5 (out GND)
Pin1 (Vin)
Pin2 (GND)
Vin
CCFL
Connection 3
Pin4 (out2)
Pin3 (out1)
Pin5 (out GND)
Pin1 (Vin)
Pin2 (GND)
Vin
CCFL1
Connection 4
Pin4 (out2)
CCFL2
Note 1.
For circuit connection, please prefer to test circuit diagram.
Note 2.
Please use minimum of 2mm clearance (all directions) between inverter high voltage area and any
conductors. Please refer to mechanical drawing for marking of high voltage area.
Note 3.
Open voltage (strike voltage) is measured across the transformer secondary winding at no load as the
reading at the output connector would be less than the actual value.
Note 4.
If the start up voltage falls below Cold Cathode Tube strike voltage, the CCFL will not light up easily
specially at lower ambient temperature. Please review mounting instruction to avoid any abnormal
operation due to coupling/leakage capacitance of inverter high voltage area to any surrounding conductor.
Note 5.
For operation in floating mode, please remove jumper (J1) on top side of PCB that pin2 and pin5.
Note 6.
To prevent electrical discharge from high voltage area, please use non-conductive fastener in U mounting
hole.


Numéro de pièce similaire - CXA-M10L-L

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
CXA-M10L-L TDK-CXA-M10L-L Datasheet
50Kb / 4P
   On-board type, Non-dimming, 6W, For 1 and 2 bulbs
More results

Description similaire - CXA-M10L-L

FabricantNo de pièceFiches techniqueDescription
logo
Power Systems GmbH+Co.K...
CXA-M10M-L POWER-SYSTEMS-CXA-M10M-L Datasheet
132Kb / 4P
   DC-AC INVERTER UNIT 6W SINGLE & DUAL OUTPUTS, PCB MOUNTABLE
CXA-M10A-L POWER-SYSTEMS-CXA-M10A-L Datasheet
128Kb / 4P
   DC-AC INVERTER UNIT 6W SINGLE & DUAL OUTPUTS, PCB MOUNTABLE
CXA-L10A POWER-SYSTEMS-CXA-L10A Datasheet
146Kb / 4P
   DC-AC INVERTER UNIT 4.5W DUAL OUTPUTS, PCB MOUNTABLE TYPE
logo
TDK Electronics
CXA-L10A TDK-CXA-L10A Datasheet
43Kb / 3P
   DC-AC INVERTER UNIT (4.5W DUAL OUTPUTS, PCB MOUNTABLE TYPE)
logo
Power Systems GmbH+Co.K...
CXA-L10L POWER-SYSTEMS-CXA-L10L Datasheet
146Kb / 4P
   DC-AC INVERTER UNIT 4.5W DUAL OUTPUTS, PCB MOUNTABLE TYPE
CXA-P1012-NJL POWER-SYSTEMS-CXA-P1012-NJL Datasheet
158Kb / 4P
   DC-AC INVERTER UNIT 9.0W DUAL OUTPUTS
PS-DA0288-01-X POWER-SYSTEMS-PS-DA0288-01-X Datasheet
190Kb / 5P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0125-04 POWER-SYSTEMS-PS-DA0125-04 Datasheet
208Kb / 5P
   DC-AC INVERTER UNIT 4.5 W DUAL OUTPUTS
PS-DA0207-01 POWER-SYSTEMS-PS-DA0207-01 Datasheet
159Kb / 4P
   DC-AC INVERTER UNIT 6 W DUAL OUTPUTS
PS-DA0211-03 POWER-SYSTEMS-PS-DA0211-03 Datasheet
231Kb / 4P
   DC-AC INVERTER UNIT 11 W DUAL OUTPUTS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com