Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC848C Fiches technique(PDF) 3 Page - Zowie Technology Corporation

No de pièce BC848C
Description  GENERAL PURPOSE TRANSISTOR NPN SILICON
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZOWIE [Zowie Technology Corporation]
Site Internet  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BC848C Fiches technique(HTML) 3 Page - Zowie Technology Corporation

  BC848C Datasheet HTML 1Page - Zowie Technology Corporation BC848C Datasheet HTML 2Page - Zowie Technology Corporation BC848C Datasheet HTML 3Page - Zowie Technology Corporation BC848C Datasheet HTML 4Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Zowie Technology Corporation
REV. : 0
Zowie Technology Corporation
BC847A,B,C
Figure 1. Normalized DC Current Gain
IC, COLLECTOR CURRENT ( mA )
Figure 3. Collector Saturation Region
Figure 4. Base-Emitter Temperature Coefficient
IC, COLLECTOR CURRENT ( mA )
IB, BASE CURRENT ( mA )
IC, COLLECTOR CURRENT ( mA )
Figure 5. Capacitances
VR, REVERSE VOLTAGE ( VOLTS )
Figure 6. Current-Gain-Bandwidth Product
IC, COLLECTOR CURRENT ( mA )
Figure 2. "Saturation" and "On" Voltage
2.0
0.2
0.5
1.0
10
20
50
0.2
100
2.0
5.0
200
1.5
1.0
0.8
0.6
0.4
0.3
TA= 25
o
C
TA= 25
o
C
TA= 25
o
C
TA= 25
o
C
TA= 25
o
C
-55
o
C to +125
o
C
VCE = 10 V
0.6
0.7
0.8
0.9
1.0
0.5
0
0.2
0.4
0.1
0.3
0.2
0.5
1.0
10
20
50
2.0
100
70
30
7.0
5.0
3.0
0.7
0.3
0.1
VBE(SAT) @ IC/IB = 10
VCE(SAT) @ IC/IB = 10
VBE(on) @ VCE = 10 V
1.2
1.6
2.0
0.02
1.0
10
0
20
0.1
0.4
0.8
1.6
1.2
2.0
2.8
2.4
0.2
1.0
10
100
1.0
Cib
Cob
VCE = 10 V
10
0.4
0.6
1.0
10
20
1.0
2.0
6.0
40
7.0
5.0
3.0
2.0
0.8
4.0
8.0
80
100
200
300
400
60
20
40
30
0.7
1.0
10
20
2.0
50
30
7.0
5.0
3.0
0.5


Numéro de pièce similaire - BC848C

FabricantNo de pièceFiches techniqueDescription
logo
Transys Electronics
BC848C TRSYS-BC848C Datasheet
371Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
DONGGUAN YOU FENG WEI E...
BC848C YFWDIODE-BC848C Datasheet
704Kb / 4P
   NPN Transistors
logo
Galaxy Semi-Conductor H...
BC848C BILIN-BC848C Datasheet
202Kb / 4P
   NPN general purpose Transistor
logo
Taiwan Semiconductor Co...
BC848C TSC-BC848C Datasheet
218Kb / 5P
   NPN Small Signal Transistor
logo
Siemens Semiconductor G...
BC848C SIEMENS-BC848C Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Description similaire - BC848C

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com