Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPCA8004-H Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TPCA8004-H
Description  High Efficiency DC竊뢈C Converter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8004-H Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TPCA8004-H_06 Datasheet HTML 1Page - Toshiba Semiconductor TPCA8004-H_06 Datasheet HTML 2Page - Toshiba Semiconductor TPCA8004-H_06 Datasheet HTML 3Page - Toshiba Semiconductor TPCA8004-H_06 Datasheet HTML 4Page - Toshiba Semiconductor TPCA8004-H_06 Datasheet HTML 5Page - Toshiba Semiconductor TPCA8004-H_06 Datasheet HTML 6Page - Toshiba Semiconductor TPCA8004-H_06 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPCA8004-H
2006-11-16
1
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCA8004-H
High Efficiency DC/DC Converter Applications
Notebook PC Applications
Portable Equipment Applications
• Small footprint due to a small and thin package
• High speed switching
• Small gate charge: QSW =12.7 nC (typ.)
• Low drain-source ON-resistance: RDS (ON) = 3.5 mΩ (typ.)
• High forward transfer admittance: |Yfs| =80 S (typ.)
• Low leakage current: IDSS = 10 µA (max) (VDS = 30 V)
• Enhancement mode: Vth = 1.1 to 2.3 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta
= 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
30
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
40
Drain current
Pulsed (Note 1)
IDP
120
A
Drain power dissipation
(Tc=25℃)
PD
45
W
Drain power dissipation
(t
= 10 s)
(Note 2a)
PD
2.8
W
Drain power dissipation
(t
= 10 s)
(Note 2b)
PD
1.6
W
Single-pulse avalanche energy
(Note 3)
EAS
208
mJ
Avalanche current
IAR
40
A
Repetitive avalanche energy
(Tc=25℃) (Note 4)
EAR
4.5
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: For Notes 1 to 4, refer to the next page.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
0.5±0.1
1.27
0.4±0.1
0.595
0.05 M A
1
4
5
8
0.15±0.05
0.8±0.1
1.1±0.2
4.25±0.2
1
4
5
8
5.0±0.2
0.95±0.05
S
0.05 S
A
0.166±0.05
1,2,3:SOURCE
4:GATE
5,6,7,8:DRAIN
JEDEC
JEITA
TOSHIBA
2-5Q1A
Weight: 0.069 g (typ.)
Circuit Configuration
8
6
1
2
3
7
5
4


Numéro de pièce similaire - TPCA8004-H_06

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCA8004-H TOSHIBA-TPCA8004-H Datasheet
296Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
logo
VBsemi Electronics Co.,...
TPCA8004-H VBSEMI-TPCA8004-H Datasheet
1Mb / 7P
   N-Channel 30 V (D-S) MOSFET
More results

Description similaire - TPCA8004-H_06

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCA8014-H TOSHIBA-TPCA8014-H_06 Datasheet
338Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8015-H TOSHIBA-TPCA8015-H Datasheet
306Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8011-H TOSHIBA-TPCA8011-H Datasheet
441Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8116-H TOSHIBA-TPC8116-H Datasheet
285Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8213-H TOSHIBA-TPC8213-H Datasheet
324Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8005-H TOSHIBA-TPCA8005-H_06 Datasheet
445Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8016-H TOSHIBA-TPCA8016-H_06 Datasheet
308Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8021-H TOSHIBA-TPCA8021-H Datasheet
303Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8020-H TOSHIBA-TPCA8020-H Datasheet
415Kb / 7P
   Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII) High-Efficiency DC竊뢈C Converter Applications
logo
Rohm
BD9123MUV ROHM-BD9123MUV Datasheet
140Kb / 5P
   1ch DC竊뢈C Converter IC built in synchronous rectifier
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com