Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA-0283 Fiches technique(PDF) 4 Page - Power Systems GmbH+Co.KG

No de pièce CXA-0283
Description  DC-AC INVERTER UNIT 15W QUAD OUTPUT WITH DIMMING FUNCTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Site Internet  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CXA-0283 Fiches technique(HTML) 4 Page - Power Systems GmbH+Co.KG

  CXA-0283 Datasheet HTML 1Page - Power Systems GmbH+Co.KG CXA-0283 Datasheet HTML 2Page - Power Systems GmbH+Co.KG CXA-0283 Datasheet HTML 3Page - Power Systems GmbH+Co.KG CXA-0283 Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CXA-0283 (15W QUAD OUTPUT WITH DIMMING FUNCTION)
DC-AC INVERTER UNIT
(PRELIMINARY INFORMATION)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Dörnet 8 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 80
All specification are subject to change without notice.
Page ( 4 / 4 )
VER, 04 October 2002
Note 1.
For circuit connection, please prefer to test circuit diagram
Note 2.
Please use minimum of 2mm clearance (all directions) between inverter high voltage area and any
conductors. Please refer to mechanical drawing for marking of high voltage area.
Note 3.
Open voltage (strike voltage) is measured across the transformer secondary winding at no load as
the reading at the output connector would be less than the actual value.
Note 4.
If the start voltage falls below Cold Cathode Tube strike voltage, the CCFL will not light up easily
specially at lower ambient temperature. Please review mounting instruction to avoid any abnormal
operation due to coupling/leakage capacitance of inverter high voltage area to any surrounding
conductor.
Note 5.
Please check your lamp characteristic for minimum operational current and set the limit point in your
design to avoid flickering and/or abnormal operation.
Note 6.
For proper operation of circuit protection (FUSE or IC PROTECTOR), please use minimum of 4A
capacity for input power supply.
Note 7.
The recommendation range of Vbr is 0 to 1.3V and normal dimming range is 1.3 to 1.5V.
However each lamp has deferent characteristics, therefore care must be taken to check brightness
with using lamp and DC to AC Inverter units combination to avoid flickering or other problems.
Note8.
The test circuits added 5pF capacitor across the load resistor for LCD backlight stay capacitor.
Note9.
If the inverter detects open circuit all lamps for more than 3 seconds it will shut down.
Note10.
In the test circui, if anyone of loads open, then the warning signal will be activated (+5V).
Note11.
The warning output 5V in abnormal circumstances.


Numéro de pièce similaire - CXA-0283

FabricantNo de pièceFiches techniqueDescription
logo
Power Systems GmbH+Co.K...
CXA-0286 POWER-SYSTEMS-CXA-0286 Datasheet
162Kb / 2P
   DC-AC INVERTER UNIT 15W THREE OUTPUTS WITH DIMMING FUNCTION
More results

Description similaire - CXA-0283

FabricantNo de pièceFiches techniqueDescription
logo
Power Systems GmbH+Co.K...
CXA-0286 POWER-SYSTEMS-CXA-0286 Datasheet
162Kb / 2P
   DC-AC INVERTER UNIT 15W THREE OUTPUTS WITH DIMMING FUNCTION
CXA-0349 POWER-SYSTEMS-CXA-0349 Datasheet
226Kb / 3P
   DC-AC INVERTER UNIT QUAD OUTPUTS WITH DIMMING FUNCTION
CXA-0317 POWER-SYSTEMS-CXA-0317 Datasheet
134Kb / 3P
   DC-AC INVERTER UNIT 18W QUAD OUTPUTS WITH DIMMING FUNCTION
CXA-0315 POWER-SYSTEMS-CXA-0315 Datasheet
174Kb / 2P
   DC-AC INVERTER UNIT 21W QUAD OUTPUTS WITH DIMMING FUNCTION
CXA-L0605-VSL POWER-SYSTEMS-CXA-L0605-VSL Datasheet
47Kb / 2P
   DC-AC INVERTER UNIT 4W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0624-VJL POWER-SYSTEMS-CXA-L0624-VJL Datasheet
152Kb / 4P
   DC-AC INVERTER UNIT 4.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0612A POWER-SYSTEMS-CXA-L0612A Datasheet
83Kb / 2P
   DC-AC INVERTER UNIT 5.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0612A-VML POWER-SYSTEMS-CXA-L0612A-VML Datasheet
34Kb / 2P
   DC-AC INVERTER UNIT 5W SINGLE OUTPUT WITH DIMMING FUNCTION
PS-L0612A-177 POWER-SYSTEMS-PS-L0612A-177 Datasheet
251Kb / 2P
   DC-AC INVERTER UNIT 5.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-0271 POWER-SYSTEMS-CXA-0271 Datasheet
152Kb / 4P
   DC-AC INVERTER UNIT 6W DOUBLE OUTPUT WITH DIMMING FUNCTION
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com