Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3373 Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce 2SK3373
Description  Switching Regulator and DC-DC Converter Applications Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3373 Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  2SK3373_10 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3373_10 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3373_10 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3373_10 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3373_10 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3373_10 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3373
2010-04-13
2
Electrical Characteristics (Ta
= 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
μA
Gate-source breakdown voltage
V (BR) GSS
IG = ±10 μA, VDS = 0 V
±30
V
Drain cutoff current
IDSS
VDS = 500 V, VGS = 0 V
100
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
500
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain-source ON-resistance
RDS (ON)
VGS = 10 V, ID = 1 A
2.9
3.2
Ω
Forward transfer admittance
⎪Yfs
VDS = 10 V, ID = 1 A
0.8
1.7
S
Input capacitance
Ciss
380
Reverse transfer capacitance
Crss
40
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
120
pF
Rise time
tr
15
Turn-on time
ton
25
Fall time
tf
20
Switching time
Turn-off time
toff
80
ns
Total gate charge
(gate-source plus gate-drain)
Qg
9
Gate-source charge
Qgs
5
Gate-drain (“Miller”) charge
Qgd
VDD ≈ 400 V, VGS = 10 V, ID = 2 A
4
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current (Note 1)
IDR
2
A
IDRP
t
= 1 ms
5
Pulse drain reverse current
(Note 1)
IDRP
t
= 100 μs
12
A
Forward voltage (diode)
VDSF
IDR = 2 A, VGS = 0 V
−1.5
V
Reverse recovery time
trr
1000
ns
Reverse recovery charge
Qrr
IDR = 2 A, VGS = 0 V,
dIDR/dt = 100 A/μs
3.5
μC
Marking
Duty
≤ 1%, tw = 10 μs
0 V
10 V
VGS
RL = 200 Ω
VDD ≈ 200 V
ID = 1 A
VOUT
K3373
Lot No.
Note 4
Part No.
(or abbreviation code)
Note 4: A line under a Lot No. identifies the indication of product Labels
[[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is Directive 2002/95/EC of the European Parliament and
of the Council of 27 January 2003 on the restriction of the use of certain
hazardous substances in electrical and electronic equipment.


Numéro de pièce similaire - 2SK3373_10

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK3373 TOSHIBA-2SK3373_06 Datasheet
177Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator and DC/DC Converter Applications Motor Drive Applications
More results

Description similaire - 2SK3373_10

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3499 TOSHIBA-2SK3499 Datasheet
224Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_09 Datasheet
200Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SJ619 TOSHIBA-2SJ619_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK4021 TOSHIBA-2SK4021 Datasheet
271Kb / 6P
   Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SJ620 TOSHIBA-2SJ620_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK2613 TOSHIBA-2SK2613_10 Datasheet
207Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_10 Datasheet
238Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com