Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3342 Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce 2SK3342
Description  Switching Regulator and DC-DC Converter Applications Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3342 Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  2SK3342_10 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3342_10 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3342_10 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3342_10 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3342_10 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3342_10 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3342
2010-02-05
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cut−off current
IDSS
VDS = 250 V, VGS = 0 V
100
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
250
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.5
3.5
V
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 2.5 A
0.8
1.0
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 2.5 A
2.0
4.5
S
Input capacitance
Ciss
440
Reverse transfer capacitance
Crss
35
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
120
pF
Rise time
tr
15
Turn−on time
ton
20
Fall time
tf
15
Switching time
Turn−off time
toff
60
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
10
Gate−source charge
Qgs
6
Gate−drain (“miller”) charge
Qgd
VDD ≈ 200 V, VGS = 10 V, ID = 4.5 A
4
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
4.5
A
Pulse drain reverse current
(Note 1)
IDRP
18
A
Forward voltage (diode)
VDSF
IDR = 4.5 A, VGS = 0 V
−2.0
V
Reverse recovery time
trr
110
ns
Reverse recovery charge
Qrr
IDR = 4.5 A, VGS = 0 V,
dIDR / dt = 100 A / μs
0.47
μC
Marking
K3342
Lot No.
Note 4
Part No.
(or abbreviation code)
Note 4: A line under a Lot No. identifies the indication of product Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental
matters such as the RoHS compatibility of Product. The RoHS is the Directive
2002/95/EC of the European Parliament and of the Council of 27 January 2003 on the
restriction of the use of certain hazardous substances in electrical and electronic
equipment.


Numéro de pièce similaire - 2SK3342_10

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK3342 TOSHIBA-2SK3342_07 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results

Description similaire - 2SK3342_10

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3499 TOSHIBA-2SK3499 Datasheet
224Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_09 Datasheet
200Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SJ619 TOSHIBA-2SJ619_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK4021 TOSHIBA-2SK4021 Datasheet
271Kb / 6P
   Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SJ620 TOSHIBA-2SJ620_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK2613 TOSHIBA-2SK2613_10 Datasheet
207Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3373 TOSHIBA-2SK3373_10 Datasheet
204Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com