Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4003 Fiches technique(PDF) 1 Page - Zowie Technology Corporation

No de pièce 1N4003
Description  SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZOWIE [Zowie Technology Corporation]
Site Internet  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

1N4003 Fiches technique(HTML) 1 Page - Zowie Technology Corporation

  1N4003 Datasheet HTML 1Page - Zowie Technology Corporation 1N4003 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4001 THRU 1N4007
SILICON RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
FEATURES
MECHANICAL DATA
* The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
* Construction utillizes void-free molded plastic technique
* Low reverse leakage
* High forward surge current capability
* High temperature soldering guaranteed :
260
oC / 10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
Case : JEDEC DO-204AL Molded plastic body
Terminals : Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Mounting Position : Any
Weight : 0.012 ounce, 0.3 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length at TL=75
o
C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0 A
Maximum DC reverse current
at rated DC blocking voltage
TA=25
o
C
TA=100
o
C
Typical junction capacitance 4.0V, 1MHz
Typical thermal resistance
Operating junction and storage temperature range
SYMBOLS
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
R JA
R JL
TJ,TSTG
1N4001
1N4002
1N4003
1N4004
1N4005
1N4006
1N4007
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
1.0
30
1.1
5.0
50
15
50
25
-65 to +175
UNITS
Volts
Volts
Maximum DC blocking voltage
50
100
200
400
600
800
1000
Volts
Volts
Maximum full load reverse current, full cycle
average 0.375" (9.5mm) lead length at TL=75
o
C
IR(AV)
30
uA
Amps
Amps
uA
pF
o
C / W
o
C
Zowie Technology Corporation
REV. : 0
DO-204AL
*Dimensions in inches and (millimeters)
0.107(2.7)
0.034(0.86)
0.028(0.71)
0.080(2.0)
DIA.
DIA.


Numéro de pièce similaire - 1N4003

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
1N4003 PANJIT-1N4003 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diodes Incorporated
1N4003 DIODES-1N4003 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
First Components Intern...
1N4003 FCI-1N4003 Datasheet
56Kb / 1P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
First Silicon Co., Ltd
1N4003 FS-1N4003 Datasheet
621Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
logo
ON Semiconductor
1N4003 ONSEMI-1N4003 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
More results

Description similaire - 1N4003

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N647-1 MICROSEMI-1N647-1 Datasheet
86Kb / 1P
   SILICON RECTIFIER
1N649-1 MICROSEMI-1N649-1 Datasheet
86Kb / 1P
   SILICON RECTIFIER
logo
Rectron Semiconductor
1N4001 RECTRON-1N4001 Datasheet
225Kb / 2P
   SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
IN3569-74 NJSEMI-IN3569-74 Datasheet
56Kb / 1P
   Silicon Rectifier
logo
Yangzhou yangjie electr...
ARS35A YANGJIE-ARS35A Datasheet
148Kb / 2P
   Silicon Rectifier
logo
New Jersey Semi-Conduct...
1N442 NJSEMI-1N442 Datasheet
88Kb / 1P
   Silicon Rectifier
logo
Zowie Technology Corpor...
RL201 ZOWIE-RL201 Datasheet
44Kb / 2P
   SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
RL151PT CHENMKO-RL151PT Datasheet
81Kb / 2P
   SILICON RECTIFIER
logo
Yangzhou yangjie electr...
15A YANGJIE-15A Datasheet
146Kb / 2P
   Silicon Rectifier
logo
Zowie Technology Corpor...
1N4001E ZOWIE-1N4001E Datasheet
45Kb / 2P
   SILICON RECTIFIER
logo
Rectron Semiconductor
1N5391 RECTRON-1N5391 Datasheet
22Kb / 2P
   SILICON RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com