Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZXT12P20DX Fiches technique(PDF) 3 Page - Zetex Semiconductors

No de pièce ZXT12P20DX
Description  DUAL 20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXT12P20DX Fiches technique(HTML) 3 Page - Zetex Semiconductors

  ZXT12P20DX Datasheet HTML 1Page - Zetex Semiconductors ZXT12P20DX Datasheet HTML 2Page - Zetex Semiconductors ZXT12P20DX Datasheet HTML 3Page - Zetex Semiconductors ZXT12P20DX Datasheet HTML 4Page - Zetex Semiconductors ZXT12P20DX Datasheet HTML 5Page - Zetex Semiconductors ZXT12P20DX Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ISSUE 1 - MARCH 2000
ZXT12P20DX
3
CHARACTERISTICS


Numéro de pièce similaire - ZXT12P20DX

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
ZXT12P12DX ZETEX-ZXT12P12DX Datasheet
258Kb / 6P
   DUAL 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT12P12DX DIODES-ZXT12P12DX Datasheet
269Kb / 6P
   DUAL 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT12P12DXTA ZETEX-ZXT12P12DXTA Datasheet
258Kb / 6P
   DUAL 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT12P12DXTA DIODES-ZXT12P12DXTA Datasheet
269Kb / 6P
   DUAL 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT12P12DXTC ZETEX-ZXT12P12DXTC Datasheet
258Kb / 6P
   DUAL 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
More results

Description similaire - ZXT12P20DX

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
ZXTD718MC DIODES-ZXTD718MC Datasheet
194Kb / 7P
   DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTD718MC DIODES-ZXTD718MC_15 Datasheet
195Kb / 7P
   DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTD2M832 DIODES-ZXTD2M832 Datasheet
396Kb / 6P
   DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT10P20DE6 DIODES-ZXT10P20DE6 Datasheet
242Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT13P20DE6 ZETEX-ZXT13P20DE6 Datasheet
409Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14P20DX ZETEX-ZXT14P20DX Datasheet
265Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT14P20DX DIODES-ZXT14P20DX Datasheet
269Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT10P20DE6 ZETEX-ZXT10P20DE6 Datasheet
230Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13P20DE6 DIODES-ZXT13P20DE6 Datasheet
418Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTP718MA DIODES-ZXTP718MA Datasheet
163Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com