Moteur de recherche de fiches techniques de composants électroniques |
|
KAWS-2415 Fiches technique(PDF) 6 Page - Power Systems GmbH+Co.KG |
|
KAWS-2415 Fiches technique(HTML) 6 Page - Power Systems GmbH+Co.KG |
6 / 6 page www.Power-Systems.de Page: 6 / 6 Version: 4-Oct-02 KAW Series ( 30 W WIDE INPUT RANGE DC-DC CONVERTER ) DC-DC Converter UNIT KAW SERIES APPLICATION NOTES: EXTERNAL CAPACITANCE REQUIREMENTS: No external capacitance is required for operation of the KAW series. To meet the reflected ripple requirements of the converter, an input impedance of less than 0.5 ohm from DC to 220KHz is required. External output capacitance is not required for operation, however it is recommended that 10uF tantalum and 0.1uF ceramic capacitance be selected for reduced system noise. Additional output capacitance may be added for increased filtering, but should not exceed 2200uF. Negative Outputs: A negative output voltage may be obtained by connecting the +OUT to circuit ground and connecting –OUT as the negative output. FOR MORE INFORMATION CALL: Power Systems – The Power Solution Ilsfeld-Auenstein ( Germany ) Dörnet 8 Tel: + 49 / 70 62 / 67 59 – 6 Fax: + 49 / 70 62 / 67 59 -80 E-mail: Info@Power-Systems.de Home Page: www.Power-Systems.de |
Numéro de pièce similaire - KAWS-2415 |
|
Description similaire - KAWS-2415 |