Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ681 Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce 2SJ681
Description  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSIII)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ681 Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  2SJ681_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ681_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ681_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ681_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ681_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ681_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SJ681
2009-09-29
3
ID – VDS
Drain
−source voltage VDS (V)
0
−5
−1
−3
−2
−4
0
−0.4
−2.0
−0.8
−1.2
−1.6
−10
−8
−6
−2.8
−3.5
−4.
VGS = −2.5V
Common source
Tc
= 25°C
Pulse test
ID – VDS
Drain
−source voltage VDS (V)
0
−10
−2
−6
−4
−8
−2
0
−10
−4
−6
−8
−10
−8
−6
−4
−3.5
−3
VGS = −2.5 V
Common source
Tc
= 25°C
Pulse test
ID – VGS
Gate
−source voltage VGS (V)
0
−10
−2
−6
−8
−1
0
−5
−3
−4
100
25
Tc
= −55°C
Common source
VDS = −10 V
Pulse test
VDS – VGS
Gate
−source voltage VGS (V)
0
−2.0
−0.4
−1.2
−0.8
−1.6
−4
0
−20
−8
−12
−16
−5
−2.5
ID = −1.2 A
Common source
Tc
= 25°C
Pulse test
⎪Yfs⎪ − ID
Drain current ID (A)
0.1
100
10
1
−0.1
−100
−1
Common source
VDS = −10 V
Pulse test
Tc
= −55°C
25
100
RDS (ON) − ID
Drain current ID (A)
0
0.4
0.5
0
−2
−10
Common source
Tc
= 25°C
Pulse test
−10
−4
−3
−4
−2
0.3
0.1
0.2
−6
−8
VGS = −10V
−4 V


Numéro de pièce similaire - 2SJ681_09

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
2SJ6812 FAIRCHILD-2SJ6812 Datasheet
86Kb / 5P
   High Voltage Color Display Horizontal
logo
Toshiba Semiconductor
2SJ681Q TOSHIBA-2SJ681Q Datasheet
187Kb / 6P
   Relay Drive, DC?묭C Converter and Motor Drive Applications
More results

Description similaire - 2SJ681_09

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SJ681 TOSHIBA-2SJ681 Datasheet
253Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSIII)
TPC6104 TOSHIBA-TPC6104 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCA8102 TOSHIBA-TPCA8102 Datasheet
182Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCS8303 TOSHIBA-TPCS8303 Datasheet
227Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPC8107 TOSHIBA-TPC8107 Datasheet
219Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8209 TOSHIBA-TPCS8209 Datasheet
362Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8204 TOSHIBA-TPCS8204 Datasheet
304Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6005 TOSHIBA-TPC6005 Datasheet
188Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com