Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD6039GU Fiches technique(PDF) 17 Page - Rohm

No de pièce BD6039GU
Description  Power Supply for CCD Camera Module
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD6039GU Fiches technique(HTML) 17 Page - Rohm

Back Button BD6039GU Datasheet HTML 13Page - Rohm BD6039GU Datasheet HTML 14Page - Rohm BD6039GU Datasheet HTML 15Page - Rohm BD6039GU Datasheet HTML 16Page - Rohm BD6039GU Datasheet HTML 17Page - Rohm BD6039GU Datasheet HTML 18Page - Rohm BD6039GU Datasheet HTML 19Page - Rohm BD6039GU Datasheet HTML 20Page - Rohm BD6039GU Datasheet HTML 21Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Technical Note
17/24
www.rohm.com
2010.03 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD6039GU
Address04h < Power down 2 >
Address
R/W
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
04h
R/W
-
-
-
-
VDD8EN
VDD7EN
Reserved SWREG3EN
Initial Value
00h
-
-
-
-
0
0
0
0
Bit [7:4] :
Not used
Bit 3 :
VDD8EN
VDD8 Control (ON/OFF)
“0” :
OFF
“1” :
ON
Bit 2 :
VDD7EN
VDD7 Control (ON/OFF)
“0” :
OFF
“1” :
ON
Bit 1 :
Not used (must be “0”)
Bit 0 :
SWREG3EN
SWREG3 Control (ON/OFF)
“0” :
OFF
“1” :
ON


Numéro de pièce similaire - BD6039GU

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD6030GSW ROHM-BD6030GSW Datasheet
209Kb / 6P
   Negative power supply for CCD camera of mobile phones
More results

Description similaire - BD6039GU

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD6029GU ROHM-BD6029GU_10 Datasheet
515Kb / 20P
   Power Supply for CCD Camera Module
logo
Sharp Corporation
YH-7C12 SHARP-YH-7C12 Datasheet
306Kb / 14P
   SPECIFICATION FOR CCD CAMERA MODULE
logo
Rohm
BD6028GU ROHM-BD6028GU Datasheet
399Kb / 6P
   Power supply for CCD camera of mobile phone
BD6020GU ROHM-BD6020GU Datasheet
391Kb / 6P
   Power supply for CCD camera of mobile phone
BD6030GSW ROHM-BD6030GSW Datasheet
209Kb / 6P
   Negative power supply for CCD camera of mobile phones
logo
ADTech
ADT7210 ADTECH-ADT7210 Datasheet
225Kb / 6P
   Multi-CH Power Supply IC for Color CCD Camera
ADT7200 ADTECH-ADT7200 Datasheet
242Kb / 6P
   Multi-CH Power Supply IC for B/W CCD Camera
logo
Sony Corporation
CXA1439M SONY-CXA1439M Datasheet
141Kb / 8P
   CDS FOR CCD CAMERA
logo
ADTech
ADT7310 ADTECH-ADT7310 Datasheet
262Kb / 15P
   system specific power supply IC that is suitable for color CCD camera
logo
Sharp Corporation
YH-7B58 SHARP-YH-7B58 Datasheet
386Kb / 16P
   SPECIPICATION FOR COLOR CCD CAMERA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com