Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA152X Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TEA152X
Description  SMPS ICs for low-power systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA152X Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TEA152X Datasheet HTML 5Page - NXP Semiconductors TEA152X Datasheet HTML 6Page - NXP Semiconductors TEA152X Datasheet HTML 7Page - NXP Semiconductors TEA152X Datasheet HTML 8Page - NXP Semiconductors TEA152X Datasheet HTML 9Page - NXP Semiconductors TEA152X Datasheet HTML 10Page - NXP Semiconductors TEA152X Datasheet HTML 11Page - NXP Semiconductors TEA152X Datasheet HTML 12Page - NXP Semiconductors TEA152X Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TEA152X_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 23 March 2009
9 of 17
NXP Semiconductors
TEA152x
SMPS ICs for low-power systems
9.
Limiting values
[1]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor. All pins
are 2500 V maximum, except pin DRAIN, which is 1000 V maximum.
[2]
Machine model: equivalent to discharging a 200 pF capacitor through a 0.75
µH coil and a 10 Ω series
resistor.
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages are measured
with respect to ground; positive currents flow into the device; pins VCC and RC are not allowed to be
current driven and pins REG and AUX are not allowed to be voltage driven.
Symbol
Parameter
Conditions
Min
Max
Unit
Voltages
VCC
supply voltage
continuous
−0.4
+40
V
VRC
voltage on pin RC
−0.4
+3
V
VSOURCE
voltage on pin SOURCE
DMOS power
transistor
−0.4
+5
V
Vdrain
drain voltage (DMOS power
transistor)
Tj >0 °C
−0.4
+650
V
Currents
IREG
current on pin REG
-
6
mA
IAUX
current on pin AUX
−10
+5
mA
Isource
source current
TEA1520x
−0.25
+0.25
A
TEA1521x
−0.5
+0.5
A
TEA1522x
−1+1
A
TEA1523P
−2+2
A
Idrain
drain current
TEA1520x
−0.25
+0.25
A
TEA1521x
−0.5
+0.5
A
TEA1522x
−1+1
A
TEA1523P
−2+2
A
General
Ptot
total power dissipation
DIP8 package
Tamb <45 °C
-
1.0
W
SO14 package
Tamb <50 °C
-
1.0
W
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
Tj
junction temperature
−40
+145
°C
Vesd
electrostatic discharge voltage
human body model
[1] -
±2500 V
machine model
[2] -
±200
V


Numéro de pièce similaire - TEA152X

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA152X PHILIPS-TEA152X Datasheet
95Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA152X NXP-TEA152X Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA152XAJM PHILIPS-TEA152XAJM Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
TEA152XP PHILIPS-TEA152XP Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
TEA152XT PHILIPS-TEA152XT Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
More results

Description similaire - TEA152X

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA152X NXP-TEA152X_10 Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA152X PHILIPS-TEA152X Datasheet
95Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA1523P-N2112 PHILIPS-TEA1523P-N2112 Datasheet
462Kb / 20P
   SMPS ICs for low-power systems Rev. 04 ??14 September 2010
Rev. 04-14 September 2010
SSL1623PH NXP-SSL1623PH Datasheet
85Kb / 15P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL152X NXP-SSL152X_09 Datasheet
103Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 02-10 March 2009
SSL152X NXP-SSL152X Datasheet
94Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
logo
Texas Instruments
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI1-TPS650240_16 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com